Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5402 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 8Page - Texas Instruments TMS320UC5402 Datasheet HTML 9Page - Texas Instruments TMS320UC5402 Datasheet HTML 10Page - Texas Instruments TMS320UC5402 Datasheet HTML 11Page - Texas Instruments TMS320UC5402 Datasheet HTML 12Page - Texas Instruments TMS320UC5402 Datasheet HTML 13Page - Texas Instruments TMS320UC5402 Datasheet HTML 14Page - Texas Instruments TMS320UC5402 Datasheet HTML 15Page - Texas Instruments TMS320UC5402 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
extended program memory
The ’UC5402 uses a paged extended memory scheme in program space to allow access of up to 1024K
program memory locations. In order to implement this scheme, the ’UC5402 includes several features that are
also present on the ’548/’549 devices:
D Twenty address lines, instead of sixteen
D An extra memory-mapped register, the XPC register, defines the page selection. This register is
memory-mapped into data space to address 001Eh. At a hardware reset, the XPC is initialized to 0.
D Six extra instructions for addressing extended program space. These six instructions affect the XPC.
–
FB[D] pmad (20 bits) – Far branch
–
FBACC[D] Accu[19:0] – Far branch to the location specified by the value in accumulator A or
accumulator B
–
FCALL[D] pmad (20 bits) – Far call
–
FCALA[D] Accu[19:0] – Far call to the location specified by the value in accumulator A or accumulator B
–
FRET[D] – Far return
–
FRETE[D] – Far return with interrupts enabled
D In addition to these new instructions, two ’54x instructions are extended to use 20 bits in the ’UC5402:
–
READA data_memory (using 20-bit accumulator address)
–
WRITA data_memory (using 20-bit accumulator address)
All other instructions, software interrupts, and hardware interrupts do not modify the XPC register and access
only memory within the current page.
Program memory in the ’UC5402 is organized into 16 pages that are each 64K in length, as shown in Figure 2.
0 0000
1 0000
1 3FFF
Page 1
Lower
16K
}
External
2 0000
2 3FFF
Page 2
Lower
16K
}
External
. . .
. . .
F 0000
F 3FFF
Page 15
Lower
16K
}
External
0 FFFF
Page 0
64K
Words
{
1 4000
1 FFFF
Page 1
Upper
48K
External
2 4000
2 FFFF
Page 2
Upper
48K
External
. . .
. . .
F 4000
F FFFF
Page 15
Upper
48K
External
† See Figure 1
‡ The lower 16K words of pages 1 through 15 are available only when the OVLY bit is cleared to 0. If the OVLY bit is set to 1, the on-chip RAM
is mapped to the lower 16K words of all program space pages.
Figure 2. Extended Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com