Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5402 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 13Page - Texas Instruments TMS320UC5402 Datasheet HTML 14Page - Texas Instruments TMS320UC5402 Datasheet HTML 15Page - Texas Instruments TMS320UC5402 Datasheet HTML 16Page - Texas Instruments TMS320UC5402 Datasheet HTML 17Page - Texas Instruments TMS320UC5402 Datasheet HTML 18Page - Texas Instruments TMS320UC5402 Datasheet HTML 19Page - Texas Instruments TMS320UC5402 Datasheet HTML 20Page - Texas Instruments TMS320UC5402 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
enhanced 8-bit host-port interface (HPI-8) (continued)
The HPI-8 functions as a slave and enables the host processor to access the on-chip memory of the ’UC5402.
A major enhancement to the ’UC5402 HPI over previous versions is that it allows host access to the entire
on-chip memory range of the DSP. The host and the DSP both have access to the on-chip RAM at all times and
host accesses are always synchronized to the DSP clock. If the host and the DSP contend for access to the
same location, the host has priority, and the DSP waits for one HPI-8 cycle. Note that since host accesses are
always synchronized to the ’UC5402 clock, an active input clock (CLKIN) is required for HPI-8 accesses during
IDLE states, and host accesses are not allowed while the ’UC5402 reset pin is asserted.
The HPI-8 interface consists of an 8-bit bidirectional data bus and various control signals. Sixteen-bit transfers
are accomplished in two parts with the HBIL input designating high or low byte. The host communicates with
the HPI-8 through three dedicated registers — HPI address register (HPIA), HPI data register (HPID), and an
HPI control register (HPIC). The HPIA and HPID registers are only accessible by the host, and the HPIC register
is accessible by both the host and the ’UC5402.
multichannel buffered serial ports
The ’UC5402 device includes two high-speed, full-duplex multichannel buffered serial ports (McBSPs) that
allow direct interface to other ’C54x/’LC54x DSPs, codecs, and other devices in a system. The McBSPs are
based on the standard serial port interface found on other ’54x devices. Like its predecessors, the McBSP
provides:
D Full-duplex communication
D Double-buffered data registers, which allow a continuous data stream
D Independent framing and clocking for receive and transmit
In addition, the McBSP has the following capabilities:
D Direct interface to:
–
T1/E1 framers
–
MVIP switching compatible and ST-BUS compliant devices
–
IOM-2 compliant devices
–
Serial peripheral interface devices
D Multichannel transmit and receive of up to 128 channels
D A wide selection of data sizes including 8, 12, 16, 20, 24, or 32 bits
D µ-law and A-law companding
D Programmable polarity for both frame synchronization and data clocks
D Programmable internal clock and frame generation
The McBSPs consist of separate transmit and receive channels that operate independently. The external
interface of each McBSP consists of the following pins:
D BCLKX
Transmit reference clock
D BDX
Transmit data
D BFSX
Transmit frame synchronization
D BCLKR
Receive reference clock
D BDR
Receive data
D BFSR
Receive frame synchronization
The six pins listed are functionally equivalent to the pins of previous serial port interface pins in the ’C5000 family
of DSPs. On the transmitter, transmit frame synchronization and clocking are indicated by the BFSX and BCLKX
pins, respectively. The CPU or DMA can initiate transmission of data by writing to the data transmit register
(DXR). Data written to DXR is shifted out on the BDX pin through a transmit shift register (XSR). This structure
allows DXR to be loaded with the next word to be sent while the transmission of the current word is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com