Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5402 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 28Page - Texas Instruments TMS320UC5402 Datasheet HTML 29Page - Texas Instruments TMS320UC5402 Datasheet HTML 30Page - Texas Instruments TMS320UC5402 Datasheet HTML 31Page - Texas Instruments TMS320UC5402 Datasheet HTML 32Page - Texas Instruments TMS320UC5402 Datasheet HTML 33Page - Texas Instruments TMS320UC5402 Datasheet HTML 34Page - Texas Instruments TMS320UC5402 Datasheet HTML 35Page - Texas Instruments TMS320UC5402 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
32
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Timing parameters provided are measured using the load circuit in Figure 8 on all device output pins.
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
50
Ω
Where:
IOL
= 1.5 mA (all outputs)
IOH
= 300
µA (all outputs)
VLoad = 0.855 V
CT
= 40 pF typical load circuit capacitance
Figure 8. 1.8-V Test Load Circuit
internal oscillator with external crystal
The internal oscillator is enabled by connecting a crystal across X1 and X2/CLKIN. The frequency of CLKOUT
is a multiple of the oscillator frequency. The multiply ratio is determined by the bit settings in the CLKMD register.
The crystal should be in fundamental-mode operation, and parallel resonant, with an effective series resistance
of 30
Ω and power dissipation of 1 mW. The circuit shown in Figure 9 represents fundamental-mode operation.
The connection of the required circuit, consisting of the crystal and two load capacitors, is shown in Figure 9.
The load capacitors, C1 and C2, should be chosen such that the equation below is satisfied. CL in the equation
is the load specified for the crystal.
C
L
+
C
1C2
(
C
1
) C
2)
recommended operating conditions of internal oscillator with external crystal (see Figure 9)
MIN
NOM
MAX
UNIT
fclock
Input clock frequency
10
20
MHz
X1
X2/CLKIN
C1
C2
Crystal
Figure 9. Internal Oscillator With External Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com