Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS77C82 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 9Page - Texas Instruments TMS77C82 Datasheet HTML 10Page - Texas Instruments TMS77C82 Datasheet HTML 11Page - Texas Instruments TMS77C82 Datasheet HTML 12Page - Texas Instruments TMS77C82 Datasheet HTML 13Page - Texas Instruments TMS77C82 Datasheet HTML 14Page - Texas Instruments TMS77C82 Datasheet HTML 15Page - Texas Instruments TMS77C82 Datasheet HTML 16Page - Texas Instruments TMS77C82 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
TMS370Cx0x
8-BIT MICROCONTROLLER
SPNS029C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupts (continued)
chains is performed within the peripheral modules to support interrupt expansion for future modules.
Pending-interrupts are serviced upon completion of current instruction execution, depending on their interrupt
mask and priority conditions.
The TMS370Cx0x has six hardware system interrupts (plus RESET) as shown in Table 7. Each system interrupt
has a dedicated vector located in program memory through which control is passed to the interrupt service
routines. A system interrupt can have multiple interrupt sources. All of the interrupt sources are individually
maskable by local interrupt enable control bits in the associated peripheral file. Each interrupt source FLAG bit
is individually readable for software polling or for determining which interrupt source generated the associated
system interrupt.
Three of the system interrupts are generated by on-chip peripheral functions, and three external interrupts are
supported. Software configuration of the external interrupts is performed through the INT1, INT2, and INT3
control registers in peripheral file frame 1. Each external interrupt is individually software configurable for input
polarity (rising or falling edge) for ease of system interface. External interrupt INT1 is software configurable as
either a maskable or non-maskable interrupt. When INT1 is configured as non-maskable, it cannot be masked
by the individual- or global-enable-mask bits. The INT1 NMI bit is protected during non-privileged operation and,
therefore, should be configured during the initialization sequence following reset. To maximize pin flexibility,
external interrupts INT2 and INT3 can be software-configured as general-purpose input / output pins if the
interrupt function is not required (INT1 can be similarly configured as an input pin).
Table 7. Hardware System Interrupts
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM
INTERRUPT
VECTOR
ADDRESS
PRIORITY†
External RESET
Watchdog Overflow
Oscillator Fault Detect
COLD START
WD OVRFL INT FLAG
OSC FLT FLAG
RESET‡
7FFEh, 7FFFh
1
External INT1
INT1 FLAG
INT1‡
7FFCh, 7FFDh
2
External INT2
INT2 FLAG
INT2‡
7FFAh, 7FFBh
3
External INT3
INT3 FLAG
INT3‡
7FF8h, 7FF9h
4
Timer 1 Overflow
Timer 1 Compare 1
Timer 1 Compare 2
Timer 1 External Edge
Timer 1 Input Capture 1
Watchdog Overflow
T1 OVRFL INT FLAG
T1C1 INT FLAG
T1C2 INT FLAG
T1EDGE INT FLAG
T1IC1 INT FLAG
WD OVRFL INT FLAG
T1INT§
7FF4h, 7FF5h
5
SCI RX Data Register Full
SCI RX Break Detect
RXRDY FLAG
BRKDT FLAG
RXINT‡
7FF2h, 7FF3h
6
SCI TX Data Register Empty
TXRDY FLAG
TXINT
7FF0h, 7FF1h
7
† Relative priority within an interrupt level
‡ Release microcontroller from STANDBY and HALT low-power modes.
§ Release microcontroller from STANDBY low-power mode.
privileged operation and EEPROM write protection override
The TMS370Cx0x family has significant flexibility to enable the designer to software configure the system and
peripherals to meet the requirements of a variety of applications. The nonprivileged mode of operation ensures
the integrity of the system configuration, once it is defined for an application. Following a hardware reset, the
TMS370Cx0x operates in the privileged mode, where all peripheral file registers have unrestricted read / write
access, and the application program configures the system during the initialization sequence following reset.
As the last step of system initialization, the PRIVILEGE DISABLE bit (SCCR2.0) is set to 1 to enter the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com