Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS77C82 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 4 Page - Texas Instruments

  TMS77C82 Datasheet HTML 1Page - Texas Instruments TMS77C82 Datasheet HTML 2Page - Texas Instruments TMS77C82 Datasheet HTML 3Page - Texas Instruments TMS77C82 Datasheet HTML 4Page - Texas Instruments TMS77C82 Datasheet HTML 5Page - Texas Instruments TMS77C82 Datasheet HTML 6Page - Texas Instruments TMS77C82 Datasheet HTML 7Page - Texas Instruments TMS77C82 Datasheet HTML 8Page - Texas Instruments TMS77C82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description (continued)
Table 1 provides a memory configuration overview of the TMS370Cx1x devices.
Table 1. Memory Configurations
DEVICE
PROGRAM MEMORY
(BYTES)
DATA MEMORY
(BYTES)
28 PIN PACKAGES
ROM
EPROM
RAM
EEPROM
TMS370C010A
4K
—
128
256
FN – PLCC
N – PDIP
TMS370C012A
8K
—
256
256
FN – PLCC
N – PDIP
TMS370C311A
2K
—
128
–
FN – PLCC
N – PDIP
TMS370C310A
4K
—
128
–
FN – PLCC
N – PDIP
TMS370C312A
8K
—
128
–
FN – PLCC
N – PDIP
TMS370C712A,
TMS370C712B
—
8K
256
256
FN – PLCC
N –PDIP
SE370C712A†,
SE370C712B†
—
8K
256
256
FZ – CLCC
JD – CDIP
† System evaluators and development are for use only in prototype environment and their reliability has not been characterized.
The suffix letter (A or B) appended to the device names shown in the device column of Tables 1 and 2 indicates
the configuration of the device. ROM or EPROM devices have different configurations as indicated in Table 2.
ROM devices with the suffix letter A are configured through a programmable contact during manufacture.
Table 2. Suffix Letter Configuration
DEVICE ‡
WATCHDOG TIMER
CLOCK
LOW-POWER MODE
EPROM A
Standard
Divide-by-4 (Standard oscillator)
Enabled
EPROM B
Hard
Divide-by-1 (PLL)
Enabled
Standard
ROM A
Hard
Divide-by-4 or Divide-by-1 (PLL)
Enabled or disabled
Simple
‡ Refer to the “device numbering conventions” section for device nomenclature and to the “device part numbers” section for ordering.
The 2K bytes, 4K bytes, and 8K bytes of mask-programmable ROM in the associated TMS370Cx1x devices
are replaced in the TMS370C712 with 8K bytes of EPROM. All other available memory and on-chip peripherals
are identical, with the exception of no data EEPROM on the TMS370C311, TMS370C310, and TMS370C312
devices. The OTP (TMS370C712) device and reprogrammable (SE370C712) device are available.
TMS370C712 OTP devices are available in plastic packages. This microcontroller is effective to use for
immediate production updates for other members of the TMS370Cx1x family or for low volume production runs
when the mask charge or cycle time for the low-cost mask ROM devices is not practical.
The SE370C712 has a windowed ceramic package to allow reprogramming of the program EPROM memory
during the development / prototyping phase of design. The SE370C712 devices allow quick updates to
breadboards and prototype systems while iterating initial designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com