Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS77C82 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 42Page - Texas Instruments TMS77C82 Datasheet HTML 43Page - Texas Instruments TMS77C82 Datasheet HTML 44Page - Texas Instruments TMS77C82 Datasheet HTML 45Page - Texas Instruments TMS77C82 Datasheet HTML 46Page - Texas Instruments TMS77C82 Datasheet HTML 47Page - Texas Instruments TMS77C82 Datasheet HTML 48Page - Texas Instruments TMS77C82 Datasheet HTML 49Page - Texas Instruments TMS77C82 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
FZ (S-CQCC-J**)
J-LEADED CERAMIC CHIP CARRIER
4040219 / B 03/95
0.180 (4,57)
0.140 (3,55)
C
0.020 (0,51)
0.032 (0,81)
A
B
A
B
0.025 (0,64) R TYP
0.026 (0,66)
0.120 (3,05)
0.155 (3,94)
0.014 (0,36)
0.120 (3,05)
0.040 (1,02) MIN
0.090 (2,29)
0.040 (1,02)
 45°
A
MIN
MAX
0.485
(12,32)
(12,57)
0.495
0.455
(11,56)
(10,92)
0.430
MAX
MIN
BC
MIN
MAX
0.410
(10,41)
(10,92)
0.430
0.630
0.610
0.630
0.655
0.695
0.685
(16,00)
(15,49)
(16,00)
(16,64)
(17,65)
(17,40)
0.740
0.680
0.730
0.765
0.795
0.785
(18,79)
(17,28)
(18,54)
(19,43)
(20,19)
(19,94)
PINS**
28
44
52
NO. OF
JEDEC
MO-087AC
MO-087AB
MO-087AA
OUTLINE
28 LEAD SHOWN
Seating Plane
(at Seating
Plane)
1
426
25
19
18
12
11
5
0.050 (1,27)
0.930
0.910
0.930
0.955
0.995
0.985
(23,62)
(23,11)
(23,62)
(24,26)
(25,27)
(25,02)
68
MO-087AD
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com