Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS77C82 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 1 Page - Texas Instruments

  TMS77C82 Datasheet HTML 1Page - Texas Instruments TMS77C82 Datasheet HTML 2Page - Texas Instruments TMS77C82 Datasheet HTML 3Page - Texas Instruments TMS77C82 Datasheet HTML 4Page - Texas Instruments TMS77C82 Datasheet HTML 5Page - Texas Instruments TMS77C82 Datasheet HTML 6Page - Texas Instruments TMS77C82 Datasheet HTML 7Page - Texas Instruments TMS77C82 Datasheet HTML 8Page - Texas Instruments TMS77C82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D CMOS/EEPROM/EPROM Technologies on
a Single Device
– Mask-ROM Devices for High-Volume
Production
– One-Time-Programmable (OTP) EPROM
Devices for Low-Volume Production
– Reprogrammable-EPROM Devices for
Prototyping Purposes
D Internal System Memory Configurations
– On-Chip Program Memory Versions
– ROM: 2K, 4K, or 8K Bytes
– EPROM: 8K Bytes
– Data EEPROM: 256 Bytes
– Static RAM: 128 or 256 Bytes Usable as
Registers
D Flexible Operating Features
– Low-Power Modes: STANDBY and HALT
– Commercial, Industrial, and Automotive
Temperature Ranges
– Clock Options
– Divide-by-1 (2 MHz – 5 MHz SYSCLK)
Phase-Locked Loop (PLL)
– Divide-by-4 (0.5 MHz – 5 MHz SYSCLK)
– Supply Voltage (VCC) 5 V ±10%
D 16-Bit General Purpose Timer
– Software Configurable as
a 16-Bit Event Counter, or
a 16-Bit Pulse Accumulator, or
a 16-Bit Input Capture Functions, or
Two Compare Registers, or a
Self-Contained PWM Function
– Software Programmable Input Polarity
– 8-Bit Prescaler, Providing a 24-Bit
Real-Time Timer
D On-Chip 24-Bit Watchdog Timer
– EPROM / OTP Devices:
– EPROM ’712A Standard Watchdog
– EPROM ’712B Hard Watchdog
– Mask-ROM Devices: Hard Watchdog,
Simple Counter, or Standard Watchdog
D Flexible Interrupt Handling
– Two S oftware Programmable Interrupt
Levels
– Global-and Individual-Interrupt Masking
– Programmable Rising- or Falling-Edge
Detect
– Individual Interrupt Vectors
D Serial Peripheral Interface (SPI)
– Variable-Length High-Speed Shift
Register
– Synchronous Master / Slave Operation
D TMS370 Series Compatibility
– Register-to-Register Architecture
– 128 or 256 General-Purpose Registers
– 14 Powerful Addressing Modes
– Instructions Upwardly Compatible With
All TMS370 Devices
D CMOS/TTL Compatible I/O Pins/Packages
– All Peripheral Function Pins Software
Configurable for Digital I / O
– 21 Bidirectional Pins, 1 Input Pin
– 28-Pin Plastic and Ceramic DIP, or
Leaded Chip Carrier (LCC) Packages
D Workstation/PC-Based Development
System
– C Compiler and C Source Debugger
– Real-Time In-Circuit Emulation
– Extensive Breakpoint / Trace Capability
– Multi-Window User Interface
– Microcontroller Programmer
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
5
6
7
8
9
10
11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D6
D7
A7
VCC
XTAL2 / CLKIN
XTAL1
A6
A5
A4
A3
A2
VSS
A1
A0
D3
RESET
D4
SPISOMI
SPICLK
SPISIMO
T1IC / CR
T1PWM
T1EVT
MC
INT3
INT2
INT1
D5
JD AND N PACKAGES
( TOP VIEW )
3 2128 27
12 13
25
24
23
22
21
20
19
SPISOMI
SPICLK
SPISIMO
T1IC / CR
T1PWM
T1EVT
MC
XTAL2 / CLKIN
XTAL1
A6
A5
A4
A3
A2
426
14 15 16 1718
FZ AND FN PACKAGES
( TOP VIEW )


Similar Part No. - TMS77C82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS77C82 TI-TMS77C82 Datasheet
31Kb / 1P
RADIO FREQUENCY I DENTIFICATION SYSTEMS
TMS77C82 TI-TMS77C82 Datasheet
715Kb / 49P
8-BIT MICROCONTROLLER
TMS77C82 TI-TMS77C82 Datasheet
868Kb / 60P
8-BIT MICROCONTROLLER
TMS77C82 TI-TMS77C82 Datasheet
638Kb / 43P
8-BIT MICROCONTROLLER
TMS77C82 TI-TMS77C82 Datasheet
713Kb / 48P
8-BIT MICROCONTROLLER
More results

Similar Description - TMS77C82

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com