Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS77C82 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 20Page - Texas Instruments TMS77C82 Datasheet HTML 21Page - Texas Instruments TMS77C82 Datasheet HTML 22Page - Texas Instruments TMS77C82 Datasheet HTML 23Page - Texas Instruments TMS77C82 Datasheet HTML 24Page - Texas Instruments TMS77C82 Datasheet HTML 25Page - Texas Instruments TMS77C82 Datasheet HTML 26Page - Texas Instruments TMS77C82 Datasheet HTML 27Page - Texas Instruments TMS77C82 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
24
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
programmable timer 1 (continued)
D Hard watchdog configuration (see Figure 9) for ’C712B EPROM and mask-ROM devices:
–
Eight different WD overflow rates ranging from 26.2 ms to 3.35 s at 5-MHz SYSCLK
–
A WD reset key (WDRST) register is used to clear the watchdog counter (WDCNTR) when a correct
value is written.
–
Generates a system reset if an incorrect value is written to the WDRST or if the counter overflows
–
A WD overflow flag (WD OVRFL INT FLAG) bit that indicates whether the WD timer initiated a system
reset
–
Automatic activation of the WD timer upon power-up reset
–
INT1 is enabled as a nonmaskable interrupt during low power modes.
16-Bit
Watchdog Counter
Reset
Prescaler
Clock
Watchdog Reset Key
WD OVRFL
TAP SEL
System Reset
T1CTL1.7
WDRST.7-0
WDCNTR.15-0
T1CTL2.5
WD OVRFL
INT FLAG
Figure 9. Hard Watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com