Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6412CUFPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 3Page - Linear Technology LTC6412CUFPBF Datasheet HTML 4Page - Linear Technology LTC6412CUFPBF Datasheet HTML 5Page - Linear Technology LTC6412CUFPBF Datasheet HTML 6Page - Linear Technology LTC6412CUFPBF Datasheet HTML 7Page - Linear Technology LTC6412CUFPBF Datasheet HTML 8Page - Linear Technology LTC6412CUFPBF Datasheet HTML 9Page - Linear Technology LTC6412CUFPBF Datasheet HTML 10Page - Linear Technology LTC6412CUFPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC6412
7
6412f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. RF input power rating is guaranteed by design and
engineering characterization, but not production tested. The absolute
maximum continuous RF input power shall not exceed +15dBm
Note 2: The LTC6412C/LTC6412I are guaranteed functional over the
operating temperature range of –40°C to 85°C.
Note 3: The LTC6412C is guaranteed to meet specified performance from
0°C to 70°C. It is designed, characterized and expected to meet specified
performance from –40°C and 85°C but is not tested or QA sampled
at these temperatures. The LT6412I is guaranteed to meet specified
performance from –40°C to 85°C.
Note 4: Power gain is defined at ZSOURCE = 50Ω and ZLOAD = 200Ω.
Voltage gain for this test condition is 6dB higher than the stated power
gain.
Note 5: en can be calculated from 50Ω NF with the formula:
en = √{4kT(50)(10NF/10 – 1)}
where
en = Input referred voltage noise in V/√Hz
NF = 50Ω noise figure in dB
k = Boltzmann’s constant = 1.38 • 10–23J/°K
T = Absolute temperature in °K = °C + 273
Note 6: P1dB compression of the output amplifier cannot be achieved
in the minimum gain state while complying with the absolute maximum
rating for input RF power.
AC ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Typical AC electrical performance measured in demo board DC1464A
(Figure 3, Test Circuit A) unless otherwise noted. Default operating conditions are VCC = 3.3V, EN = 0.8V, SHDN = 2.2V, +VG tied to VREF
(negative gain slope mode), and ZSOURCE = ZLOAD = 50Ω unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
380MHz Signal
GMAX
Maximum Gain
–VG = 0V, Test Circuit B
17
dB
GMIN
Minimum Gain
–VG = 1.2V, Test Circuit B
–14
dB
GRANGE
Gain Range
GMAX-GMIN
31
dB
IM3
Third-Order Intermodulation
f1 = 379.5MHz, f2 = 380.5MHz,
POUT = –6dBm/Tone, –VG = 0V to 1.0V
–72
dBc
OIP3
Output Third-Order Intercept
f1 = 379.5MHz, f2 = 380.5MHz,
POUT = –6dBm/Tone, –VG = 0V to 1.0V
30
dBm
P1dBGMAX
Output 1dB Compression Point at Max Gain
–VG = 0V (Note 6)
11
dBm
NFGMAX
Noise Figure at Maximum Gain
–VG = 0V (Note 5)
10.5
dB
NFGMIN
Noise Figure at Minimum Gain
–VG = 1.2V (Note 5)
42
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com