Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6412CUFPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 4Page - Linear Technology LTC6412CUFPBF Datasheet HTML 5Page - Linear Technology LTC6412CUFPBF Datasheet HTML 6Page - Linear Technology LTC6412CUFPBF Datasheet HTML 7Page - Linear Technology LTC6412CUFPBF Datasheet HTML 8Page - Linear Technology LTC6412CUFPBF Datasheet HTML 9Page - Linear Technology LTC6412CUFPBF Datasheet HTML 10Page - Linear Technology LTC6412CUFPBF Datasheet HTML 11Page - Linear Technology LTC6412CUFPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC6412
8
6412f
TYPICAL PERFORMANCE CHARACTERISTICS
Differential Input Match (Sdd11)
vs Frequency Over 11 Gain
Settings
Differential Reverse Isolation
(Sdd12) vs Frequency Over 6 Gain
Settings
Differential Output Smith Chart
(Sdd22) 10MHz to 500MHz Over 6
Gain Settings
Supply Current vs Supply Voltage
Over Temperature
Differential Gain (Sdd21) vs
Frequency Over 11 Gain Settings
Common Mode Gain (Scc21) vs
Frequency Over 11 Gain Settings
CM-to-DM Gain (Sdc21) vs
Frequency Over 11 Gain Settings
Electrical Performance in Test Circuits A and B at TA = 25°C and VCC = 3.3V unless otherwise noted.
Differential Output Match (Sdd22)
vs Frequency Over 11 Gain
Settings
Differential Input Smith Chart
(Sdd11) 10MHz to 500MHz Over 6
Gain Settings
FREQUENCY (MHz)
–20
–10
0
10
20
1
100
1000
10000
6412 G01
–30
10
GMAX
GMIN
FREQUENCY (MHz)
–60
–40
–20
0
20
1
100
1000
10000
6412 G02
–80
10
GMAX
GMIN
FREQUENCY (MHz)
–60
–40
–20
0
1
100
1000
10000
6412 G03
–80
10
GMAX
GMIN
FREQUENCY (MHz)
–30
–20
–10
0
1
100
1000
10000
6412 G04
–40
10
GMAX
GMIN
FREQUENCY (MHz)
–30
–20
–10
0
1
100
1000
10000
6412 G05
–40
10
GMAX
GMIN
FREQUENCY (MHz)
–100
–80
–60
–40
1
100
1000
10000
6412 G06
–120
10
GMAX
GMIN
GMIN
6412 G07
ZO = 50Ω
GMAX
10MHz
ZO = 200Ω
120MHz
GMAX
GMIN 240MHz
380MHz
500MHz
6412 G08
SUPPLY VOLTAGE (V)
3.0
90
95
100
105
110
120
3.1
3.2
3.3
3.4
6412 G09
3.5
3.6
115
85°C
–40°C
30°C
0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com