Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6412CUFPBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 14Page - Linear Technology LTC6412CUFPBF Datasheet HTML 15Page - Linear Technology LTC6412CUFPBF Datasheet HTML 16Page - Linear Technology LTC6412CUFPBF Datasheet HTML 17Page - Linear Technology LTC6412CUFPBF Datasheet HTML 18Page - Linear Technology LTC6412CUFPBF Datasheet HTML 19Page - Linear Technology LTC6412CUFPBF Datasheet HTML 20Page - Linear Technology LTC6412CUFPBF Datasheet HTML 21Page - Linear Technology LTC6412CUFPBF Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC6412
18
6412f
APPLICATIONS INFORMATION
On the output side, the differential port admittance is very
close to 300Ω||1.5pF across all gain settings and applica-
tion frequencies. This output port circuit must provide a
path for DC output supply current as well as any balun,
matching, or filtering functions required by the application.
Thus, the design options for the output circuitry are more
varied. A brief list of the more common output circuits
is shown in Figure 9 along with a few design guidelines
to estimate component values. Final design simulations
should use the small-signal equivalent circuit model in
Figure 8 to properly account for loading effects of the
output terminals.
Figure 9a shows the simplest differential output configura-
tion employing two suitable inductors, L1 = L2, to pass
the DC supply current without loading the output nodes
at the application frequency. The PCB trace widths from
the output pins should be narrow in keeping with the high
impedance of these terminals; 8 to 10mil trace width on
1oz copper is a good choice. The 0.1μF capacitors serve to
DC block and decouple as needed. These capacitor values
are adequate down to a few MHz and can be scaled down
for higher application frequencies.
If bandpass filtering is needed at the VGA output of
Figure 9a, then L1 and L2 can be designed to resonate
with a shunt capacitor, CO, at the frequency of interest,
ω =1/√CO(L1 + L2). Alternately, L1 = L2 can be designed
to resonate with two separate capacitors, C1 = C2, so any
common mode noise is filtered as well.
Figure 9b shows a further variation of the tuned differential
output where the DC blocking capacitors are brought inside
the tank resonator to participate in the bandpass filter and
transform the VGA output impedance to a lower value.
Here too, the CO capacitor can be split into two separate
shunt capacitors to ground, so any common mode noise
is filtered as well.
6412 F01
6412 F02
Figure 1. Top Silkscreen for DC1464A. Test Circuit A
Figure 2. Top Metal for DC1464A. Test Circuit A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com