Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6412CUFPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 2Page - Linear Technology LTC6412CUFPBF Datasheet HTML 3Page - Linear Technology LTC6412CUFPBF Datasheet HTML 4Page - Linear Technology LTC6412CUFPBF Datasheet HTML 5Page - Linear Technology LTC6412CUFPBF Datasheet HTML 6Page - Linear Technology LTC6412CUFPBF Datasheet HTML 7Page - Linear Technology LTC6412CUFPBF Datasheet HTML 8Page - Linear Technology LTC6412CUFPBF Datasheet HTML 9Page - Linear Technology LTC6412CUFPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC6412
6
6412f
AC ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Typical AC electrical performance measured in demo board DC1464A
(Figure 3, Test Circuit A) unless otherwise noted. Default operating conditions are VCC = 3.3V, EN = 0.8V, SHDN = 2.2V, +VG tied to VREF
(negative gain slope mode), and ZSOURCE = ZLOAD = 50Ω unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IM3
Third-Order Intermodulation
f1 = 139.5MHz, f2 = 140.5MHz,
POUT = –6dBm/Tone, –VG = 0V to 1.0V
–88
dBc
OIP3
Output Third-Order Intercept
f1 = 139.5MHz, f2 = 140.5MHz,
POUT = –6dBm/Tone, –VG = 0V to 1.0V
38
dBm
P1dBGMAX
Output 1dB Compression Point at Max Gain
–VG = 0V (Note 6)
13
dBm
NFGMAX
Noise Figure at Maximum Gain
–VG = 0V (Note 5)
10
dB
NFGMIN
Noise Figure at Minimum Gain
–VG = 1.2V (Note 5)
42
dB
240MHz Signal
GMAX
Maximum Gain
–VG = 0V, Test Circuit B
17
dB
GMIN
Minimum Gain
–VG = 1.2V, Test Circuit B
–14
dB
GRANGE
Gain Range
GMAX-GMIN
31
dB
HD2
Second Harmonic Distortion
POUT = 0dBm, –VG = 0V to 1.0V
–70
dBc
HD3
Third Harmonic Distortion
POUT = 0dBm, –VG = 0V to 1.0V
–70
dBc
IM3
Third-Order Intermodulation
f1 = 239.5MHz, f2 = 240.5MHz,
POUT = –6dBm/Tone, –VG = 0V to 1.0V
–82
dBc
OIP3
Output Third-Order Intercept
f1 = 239.5MHz, f2 = 240.5MHz,
POUT = –6dBm/Tone, –VG = 0V to 1.0V
35
dBm
P1dBGMAX
Output 1dB Compression Point at Max Gain
–VG = 0V (Note 6)
12
dBm
NFGMAX
Noise Figure at Maximum Gain
–VG = 0V (Note 5)
10
dB
NFGMIN
Noise Figure at Minimum Gain
–VG = 1.2V (Note 5)
42
dB
280MHz/320MHz Signal
GMAX
Maximum Gain
f = 320MHz, POUT = –3dBm, –VG = 0V
16.9
dB
GMID
Medium Gain
f = 320MHz, POUT = –5dBm, –VG = 0.6V
1.5
dB
GMIN
Minimum Gain
f = 320MHz, POUT = –5dBm, –VG = 1.2V
–14.2
dB
GRANGE
Gain Range
320MHz, GMAX-GMIN
29.7
31.1
32.5
dB
IM3GMAX
Third-Order Intermodulation at Max Gain
f1 = 280MHz, f2 = 320MHz,
POUT = –3dBm/Tone, –VG = 0V
–72
dBc
IM3GMID
Third-Order Intermodulation at Mid Gain
f1 = 280MHz, f2 = 320MHz,
POUT = –5dBm/Tone, –VG = 0.6V
–71
–65
dBc
IM3GMIN
Third-Order Intermodulation at Min Gain
f1 = 280MHz, f2 = 320MHz,
POUT = –5dBm/Tone, –VG = 1.2V
–56
dBc
OIP3GMAX
Output Third-Order Intercept at Max Gain
f1 = 280MHz, f2 = 320MHz,
POUT = –3dBm/Tone, –VG = 0V
31.0
dBm
OIP3GMID
Output Third-Order Intercept at Mid Gain
f1 = 280MHz, f2 = 320MHz,
POUT = –5dBm/Tone, –VG = 0.6V
26.0
30.5
dBm
OIP3GMIN
Output Third-Order Intercept at Min Gain
f1 = 280MHz, f2 = 320MHz,
POUT = –5dBm/Tone, –VG = 1.2V
23.0
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com