| Electronic Components Datasheet Search |
|
TMC22X5YA Datasheet(PDF) 45 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC22X5YA Datasheet(HTML) 45 Page - Cadeka Microcircuits LLC. |
|
45 / 84 page ![]() PRODUCT SPECIFICATION TMC22x5yA REV. 1.0.0 2/4/03 45 Comb Filter Input The inputs to the comb filter are selected from either the high frequency outputs of the bandsplit filters, if using a chroma comb filter, or the full composite waveforms when imple- menting a luma comb. The two sets of high and low fre- quency signals from the bandsplit filters are used for both the luma and chroma SIMPLE signals, and in the generation of the comb fail signals. These signals are denoted xHL, xHH, and xHF where L denotes the low frequency portion of the signal, H the high frequency portion of the signal and F the full frequency spectrum of the input signal from line x; and are shown in Figure 15. Table 2. Normalized Subcarrier Frequency as a Function of Pixel Data Rates Pixel Rate (MHz) FSC (MHz) Normalized FSC Comments 12.27 3.57954545 0.2917 NTSC square pixel rate 13.50 3.57954545 0.2652 NTSC D1 pixel rate 13.50 4.43361875 0.3284 PAL-I D1 pixel rate 14.32 3.57954545 0.2500 NTSC four times subcarrier (D2/D3) 14.75 4.43361875 0.3006 PAL-I square pixel rate 15.00 4.43361875 0.2956 PAL-I square pixel rate 17.73 4.43361875 0.2500 PAL-I four times subcarrier (D2/D3) 13.5 3.57561149 0.2649 PAL-M D1 pixel rate 13.5 3.58205625 0.2653 PAL-N D1 pixel rate 14.30 3.57561149 0.2500 PAL-M four times subcarrier (D2/D3) Figure 13. Bandsplit Filter, Full Frequency Response Figure 14. Bandsplit Filter, Passband Response -70 -60 -50 -40 -30 -20 -10 0 Normalized Frequency Bandsplit Filter 1 Bandsplit Filter 2 -6 -5 -4 -3 -2 -1 0 1 Normalized Frequency Bandsplit Filter 1 Bandsplit Filter 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |