Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC22X5YA Datasheet(PDF) 23 Page - Cadeka Microcircuits LLC.

Part # TMC22X5YA
Description  Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22X5YA Datasheet(HTML) 23 Page - Cadeka Microcircuits LLC.

Back Button TMC22X5YA Datasheet HTML 19Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 20Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 21Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 24Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 25Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 26Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 27Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
PRODUCT SPECIFICATION
TMC22x5yA
REV. 1.0.0 2/4/03
23
Control Register Definitions (continued)
Comb Filter Control (0F)
76543210
Reserved
CAT
DCES
IPCF
YCCOMP
SYNC
Reg
Bit
Name
Description
0F
7
Reserved
Reserved, set to zero.
0F
6-5
CAT
Adaption threshold. Fixes threshold at which different comb filters are selected.
0F
4
DCES
D1 CBCR error signal. When set LOW for D1 chroma comb filters:
a) In 3 line comb filter architectures, the magnitude error between the component
data for that pixel selects the 3 line comb or adapts to a
2 line comb. On a “CB pixel” the error signal selected on pixel (x+4) is sent to
the XLUT with the magnitude difference between “CR pixels” on the same pair
of lines, but from pixel (x+3). Likewise on a “CR pixel” the error signal selected
on pixel (x+5) is sent to the XLUT with the magnitude difference between “CB
pixels” on the same lines but from pixel (x+4).
b) In 2 line comb filters the magnitude differences between the same pair of lines
is always sent to the XLUT, On a “CB pixel” the error from the preceding “CR
pixel” is used and on a “CR pixel” the preceding “CB pixel” would be used.
When set HIGH for D1 chroma filters:
This is used for 3 line comb filter architecture that are inhibited from adapting to 2
line comb filter architectures. The input to the XLUT is the magnitude error in CR
between (0H & 1H) and (1H & 2H) on “CR pixels” and the magnitude error
between (0H & 1H) and (1H & 2H) on “CB pixels”.
0F
3-2
IPCF
Comb filter input select. Selects primary inputs to the comb filter.
0F
1
YCCOMP
YC or Composite input select. Selects YC inputs when HIGH and composite
inputs when LOW.
0F
0
SYNC
Sync processor select. The syncs are obtained by a LPF when HIGH and by the
comb filter when LOW.
Sync Pulse Generator (10)
76543210
STS7
STS6
STS5
STS4
STS3
STS2
STS1
STS0
Reg
Bit
Name
Description
10
7-0
STS7-0
Sync to sync 8 lsbs. Bottom 8 bits of the number of pixels between sync
pulses.
0
0
1
1
0
1
0
1
5% of max error
15% of max error
25% of max error
50% of max error
IPCF
Function
0 0
0 1
1 0
1 1
Flat video
LPF output
HPF output
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com