Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC22X5YA Datasheet(PDF) 52 Page - Cadeka Microcircuits LLC.

Part # TMC22X5YA
Description  Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22X5YA Datasheet(HTML) 52 Page - Cadeka Microcircuits LLC.

Back Button TMC22X5YA Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 49Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 50Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 51Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 52Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 53Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 54Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 55Page - Cadeka Microcircuits LLC. TMC22X5YA Datasheet HTML 56Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
TMC22x5yA
PRODUCT SPECIFICATION
52
REV. 1.0.0 2/4/03
For PAL comb filters the LYE, LME, and LPE errors signals
are always selected by default. In this way the error signals
into the XLUT always represent the comb filter being imple-
mented. The resolution of the error signals selected is con-
trolled by the XIP[1:0] register bits as shown in Table 6:
XLUT Input Selection. The position of these error signals on
the XLUT input address X[7:0] is also shown.
The selected comb fail signals are translated by the user-
programmed configuration within the 256*5 XLUT into the
mix signal (K) which controls the 30 levels of cross-fade
between the weighted comb filter and the band split filters.
The 1 to 31 mix signal is modified on the input to the cross-
fade to produce a 0 to 32 control signal, as shown in Table 7.
The special function assigned to K = 0 is programmed into
the XSF[1:0] register bits, as shown in Table 8.
Table 8. XLUT Special Function Definitions
The “Flat with notch” selection passes the FLAT input
through onto the luminance channel and selects the notch
filter, centered at 0.25 of the normalized clock frequency.
This mode is therefore only useful with inputs at 4*Fsc or in
cases when a notch at 0.25 of the normalized clock
frequency is adequate for application.
The XLUT output, is fed through a bypassable low-pass
filter KLPF to avoid switching between comb and simple
decoders on a pixel by pixel basis. When the special function
is selected (K = 0) the input to the KLPF is held and the filter
is automatically bypassed. The output of the XLUT can be
externally monitored by reading XOP[4:0] in register 4Bh.
Table 6. XLUT Input Selection
XIP[1:0]
Function
00
2 bits of phase error (X[7:6]), 3 bits of
chroma (X[5:3]) and luma magnitude error
(X[3:0]).
01
4 bits of chroma (X[7:4]) and luma
magnitude error (X[3:0]).
10
3 bits of phase error (X[7:5]), 3 bits of
chroma magnitude error (X[4:2]), and 2
bits of luma magnitude error (X[1:0]).
11
4 bits of phase error (X[7:4]) and chroma
magnitude error (X[3:0]).
Table 7. XLUT Output Function.
XLUT
OUTPUT
K
0
Special function (e.g. luma comb and HPF
on chroma)
1
0 - 100% Bandsplit
22
33
::
16
16 - 50% Bandsplit, 50% Comb
::
29
29
30
30
31
32 - 100% Comb
KIP1-0
XLUT special function selection
YC
00
comb
simple
01
simple
comb
10
flat with notch
simple
11
flat with notch
comb
Table 7. XLUT Output Function. (cont.)
XLUT
OUTPUT
K
Figure 20. XLUT Input Selection
XLUT
XLUT
Input
Select
Filter
2:1
MUX
65-22x5y-61
K[4:0]
XFEN
XIP[1:0]
X[7:0]
YERR
PERR
MERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com