Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2159 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SA2159
Description  VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2159 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA2159 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SA2159
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.04.22
Http: www.silan.com.cn
Page 1 of 11
VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
SIP-8
DESCRIPTION
The SA2159 is a voltage-controlled amplifier (VCA) circuit. The chip is a
high-performance current–in/current-out devices including two opposing-
polarity,
voltage-sensitive
control
ports.
Due
to
super
low-noise
application, the circuit adopts high hFE. Complementary NPN/PNP pairs
configuration. It requires little external support circuitry and selects a
space-efficient plastic 8-pin single–in–line (SIP) package. The SA2159
VCA combines a number of advantages such as low noise, low distortion,
low offset and high gain-bandwidth to offer discrete performance at IC
prices.
FEATURES
* Wide dynamic range:>115dB
* Wide gain range:>130dB
* Logarithmic gain control
* Low distortion:(0.008%@0dB gain, 0.035%@15dB gain)
* Wide gain-bandwidth: 6MHz
* Single in–line package
* Dual gain-control ports(pos/neg)
ORDERING INFORMATIONS
Device
Package
SA2159
SIP-8
APPLICATIONS
* Faders
* Expanders
* Compressors
* Equalizers
* Oscillators
* Filters
* Automation systems
BLOCK DIAGRAM


Similar Part No. - SA2159

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA210 WTE-SA210 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
110Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Bedford Opto Technology...
SA210 BOT-SA210 Datasheet
42Kb / 2P
5mm LED Assembly Single Way to 4 Way
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
103Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
SA210 PANJIT-SA210 Datasheet
131Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Similar Description - SA2159

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
ELECTRONIC VOLUME CONTROL IC
TC9299P TOSHIBA-TC9299P Datasheet
251Kb / 7P
ELECTRONIC VOLUME CONTROL IC
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
High Breakdown Voltage Serial Control Electronic Volume Control
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
ELECTRONIC VOLUME CONTROL
logo
Samsung semiconductor
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
DUAL ELECTRONIC VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M5241L MITSUBISHI-M5241L Datasheet
813Kb / 12P
DUAL VCA FOR ELECTRONIC VOLUME CONTROL
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
Serial data controlled dual channel electronic volume control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com