Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2159 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SA2159
Description  VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2159 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA2159 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SA2159
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.04.22
Http: www.silan.com.cn
Page 4 of 11
Positive input currents
For positive input currents (IIN defined as flowing into pin 1), the op amp turns Q1 and D1 off, while
simultaneously turns Q3 and D3 on. Thus, the input signal current is forced to flow through Q3 and D3.
Logging & Antilogging
We know the basic properties Vbe of the transistor and the collector current Ic as:
Vbe = VT ln (Ic/Is )
It is assumed that D3/Q3 and Q4/D4 are matched, we therefore can conclude:
V3 = EC- - 2VT In (Ic3 / Is)
Where V3 is the voltage at the junction of D3 and D4, VT is the thermal voltage, kT/q, Ic3 is the current in the
collector of Q3, and IS is the reverse-saturation current of Q3.
In typical applications (see typical applications diagram.), pin 4 is normally at or very near ground. Pin 8 is
connected to a virtual ground. In this way, the voltage at the cathodes of D3 and D4 will cause an exponentially-
related current to flow in D4 and Q4, and out through pin 8. Mathematically:
V3 = EC+ - 2VT In (Ic4 / Is )
Exponential gain control
It can be derived from said two equations:
V3 = EC- - 2VT In (Ic3 / Is) = EC+ - 2VT In (Ic4 / Is)
EC+ - EC- = 2VT In (Ic4 / Is) - 2VT In (Ic3 / Is) = 2VT In (Ic4 / Ic3)
Rearranging terms,
Ic4 = ic3 e (EC+ - EC-) / 2VT
Av = Ic4 / Ic3 = e (EC+ - EC-) / 2VT
Where AV is the current gain, which is exponential with the difference in the voltage EC+ and EC-
For pin 4 at or very near ground, at room temperature, and converting to a base of 10 for the exponential, this
reduces to:
Av = 10 - EC- / 0.118
Another way of expressing this relationship is:
Gain = 20 log Av = - EC- / 0.0059, where the unit of Gain is dB.
+30
dB
-30
-90
-540
-360
-180
0
+180
-EC
mV
0
-60
Gain
Figure 2. Gain versus control voltage at 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com