Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2159 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SA2159
Description  VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2159 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA2159 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SA2159
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.04.22
Http: www.silan.com.cn
Page 5 of 11
Negative input currents
For negative input currents, the operation of Q1/D1 and Q3/D3 is symmetric with Q2/D2 and Q4/D4. pin 2 is
connected to ground, or very nearly ground potential (see the section below on symmetry adjustment for more
detail), Since the top pair versus the bottom pair transistors are inverted (NPN/PNP) and the bases are cross-
connected between the input (left) half and the output (right) half of each pair, the polarity (positive/negative, in
dB) of the gain is the same.
Symmetry adjustment
The layout design construction of the devices assures relatively good matching between the paired transistors,
but even small VBE mismatches can cause a dc output current to flow in pin 8, which will ultimately manifest itself
as a DC offset voltage. The DC offset voltage will be modulated by gain commands, and may become audible as
“thumps”if gain commands changes very large and fast.
Transistor matching also affects distortion. If the top half of the gain cell is perfectly matched, while the bottom
half is not well match, then the gain commanded by the voltage at pin 3 will affect the two halves of the core
differently. Since positive and negative halves of input signals are handled by separate parts of the core, this
gives rise to even order distortion production.
Figure 3. Typical THD versus symmetry voltage
Accordingly, the base of Q1 and Q4 are brought out to pin 2 and pin 4, respectively. This allows applying a
small static voltage differential to the two bases. The applied voltage differential must be set to the sum of the
Vbe mismatches around the core. Typical applications diagram includes a typical symmetry voltage application
circuitry. The symmetry trim pot controls primarily even-order harmonic distortion, and is adjusted for minimum
distortion in the output waveform.
Opposite polarity control
As may be seen from the equation, the bases of Q1 and Q4 can also be used as an additional control port,
which can be used as opposite control port of pin 3. Both pins must be applied to the control voltage
simultaneously, while the voltage applied between the two pins must be small difference. (A typical connection is
shown in Figure 4.) Either pin 3, or pins 2 and 4, or both ports together may be used for gain control.
Mathematically:Av = 10 - EC- / 0.118, or Gain = 20 log Av = - EC- / 0.0059, where the unit of Gain is dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com