Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3901 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3901
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 20Page - Microchip Technology MCP3901 Datasheet HTML 21Page - Microchip Technology MCP3901 Datasheet HTML 22Page - Microchip Technology MCP3901 Datasheet HTML 23Page - Microchip Technology MCP3901 Datasheet HTML 24Page - Microchip Technology MCP3901 Datasheet HTML 25Page - Microchip Technology MCP3901 Datasheet HTML 26Page - Microchip Technology MCP3901 Datasheet HTML 27Page - Microchip Technology MCP3901 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
MCP3901
DS22192A-page 24
© 2009 Microchip Technology Inc.
A data ready pulse will not be generated by any ADC
while in reset mode.
Reset mode also effects the modulator output block,
i.e. the MDAT pin, corresponding to the channel in
reset. If enabled, it provides a bitstream corresponding
to a zero output (a series of 0011 bits continuously
repeated).
When an ADC exists ADC reset mode, any phase
delay present before reset was entered will still be
present. If one ADC was not in reset, the ADC leaving
reset mode will resynchronize automatically the phase
delay relative to the other ADC channel per the phase
delay register block and give DR pulses accordingly.
If an ADC is placed in Reset mode while the other is
converting, it is not shutting down the internal clock.
When going back out of reset, it will be resynchronized
automatically with the clock that did not stop during
reset.
If both ADCs are in soft reset or shutdown modes, the
clock is no longer distributed to the digital core for low
power operation. Once any of the ADC is back to
normal operation, the clock is automatically distributed
again.
4.20
Hard Reset Mode (RESET = 0)
This mode is only available during a POR or when the
RESET pin is pulled low. The RESET pin low state
places the device in a hard reset mode.
In this mode all internal registers are reset to their
default state.
The DC biases for the analog blocks are still active, i.e.
the MCP3901 is ready to convert. However, this pin
clears all conversion data in the ADCs. In this mode the
MDAT outputs are in high impedance. The comparators
outputs of both ADCs are forced to their reset state
(0011). The SINC filters are all reset as well as their
double output buffers. See serial timing for minimum
pulse
low
time,
in
Section 1.0
“Electrical
Characteristics”.
During a hard reset, no communication with the part is
possible. The digital interface is maintained in a reset
state.
4.21
ADC Shutdown Mode
ADC shutdown mode is defined as a state where the
converters and their biases are off, consuming only
leakage current. After this is removed, start-up delay
time (SINC filter settling time will occur before
outputting meaningful codes. The start-up delay is
needed to power-up all DC biases in the channel that
was in shutdown. This delay is the same than tPOR and
any DR pulse coming within this delay should be
discarded.
Each converter can be placed in shutdown mode
independently. The CONFIG registers are not modified
by the shutdown mode. This mode is only available
through programming of the SHUTDOWN<1:0> bits
the CONFIG2 register.
The output data is flushed to all zeros while in ADC
shutdown. No data ready pulses are generated by any
ADC while in ADC shutdown mode.
ADC shutdown mode also effects the modulator output
block, i.e. if MDAT of the channel in shutdown mode is
enabled, this pin will provide a bitstream corresponding
to a zero output (series of 0011 bits continuously
repeated).
When an ADC exits ADC shutdown mode, any phase
delay present before shutdown was entered will still be
present. If one ADC was not in shutdown, the ADC
leaving
shutdown
mode
will
resynchronize
automatically the phase delay relative to the other ADC
channel per the phase delay register block and give DR
pulses accordingly.
If an ADC is placed in Shutdown mode while the other
is converting, it is not shutting down the internal clock.
When going back out of shutdown, it will be
resynchronized automatically with the clock that did not
stop during reset.
If both ADCs are in ADC reset or ADC shutdown
modes, the clock is no more distributed to the digital
core for low power operation. Once any of the ADC is
back to normal operation, the clock is automatically
distributed again.
4.22
Full Shutdown Mode
The lowest power consumption can be achieved when
SHUTDOWN<1:0>=11, VREFEXT=CLKEXT=1. This
mode is called “Full shutdown mode”, and no analog
circuitry is enabled. In this mode, the POR AVDD
monitoring circuit is also disabled. When the clock is
idle (CLKI = 0 or 1 continuously), no clock is propa-
gated throughout the chip. Both ADCs are in shutdown,
the internal voltage reference is disabled and the inter-
nal oscillator is disabled.
The only circuit that remains active is the SPI interface
but this circuit does not induce any static power
consumption.
If
SCK
is
idle,
the
only
current
consumption comes from the leakage currents induced
by the transistors and is less than 1 µA on each power
supply.
This mode can be used to power down the chip
completely and avoid power consumption when there
is no data to convert at the analog inputs. Any SCK or
MCLK edge coming while on this mode will induce
dynamic power consumption.
Once any of the SHUTDOWN, CLKEXT and VREFEXT
bits returns to 0, the POR AVDD monitoring block is
back to operation and AVDD monitoring can take place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com