Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3901 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3901
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 23Page - Microchip Technology MCP3901 Datasheet HTML 24Page - Microchip Technology MCP3901 Datasheet HTML 25Page - Microchip Technology MCP3901 Datasheet HTML 26Page - Microchip Technology MCP3901 Datasheet HTML 27Page - Microchip Technology MCP3901 Datasheet HTML 28Page - Microchip Technology MCP3901 Datasheet HTML 29Page - Microchip Technology MCP3901 Datasheet HTML 30Page - Microchip Technology MCP3901 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 27
MCP3901
5.5
SINC3 Filter
Both ADCs present in the MCP3901 include a
decimation filter that is a third-order sinc (or notch)
filter. This filter processes the multi-bit bitstream into 16
or
24
bits
words
(depending
on
the
WIDTH
configuration bit). The settling time of the filter is 3
DMCLK periods. It is recommended to discard
unsettled data to avoid data corruption which can be
done easily by setting the DR_LTY bit high in the
STATUS/COM register.
The resolution achievable at the output of the sinc filter
(the output of the ADC) is dependant on the OSR and
is summarized with the following table:
For 24 -bit output mode (WIDTH=1), the output of the
sinc filter is padded with least significant zeros for any
resolution less than 24 bits.
For 16-bit output modes, the output of the sinc filter is
rounded to the closest 16-bit number in order to
conserve only 16-bit words and to minimize truncation
error.
The gain of the transfer function of this filter is 1 at each
multiple of DMCLK (typically 1 MHz) so a proper
anti-aliasing filter must be placed at the inputs to
attenuate the frequency content around DMCLK and
keep the desired accuracy over the baseband of the
converter. This anti-aliasing filter can be a simple
first-order RC network with a sufficiently low time
constant to generate high rejection at DMCLK
frequency.
EQUATION 5-1:
SINC FILTER TRANSFER
FUNCTION H(Z)
Where:
The Normal-Mode Rejection Ratio (NMRR) or gain of
the transfer function is given by the following equation:
EQUATION 5-2:
MAGNITUDE OF
FREQUENCY RESPONSE
H(f)
or:
where:
The Figure 5-3 shows the sinc filter frequency
response:
FIGURE 5-3:
SINC Filter Response with
MCLK = 4 MHz, OSR = 64, PRESCALE = 1.
TABLE 5-3:
ADC RESOLUTION VS. OSR
OSR<1:0>
OSR
ADC
Resolution
(bits)
No Missing
Codes
0
0
32
17
0
1
64
20
10
128
23
11
256
24
Hz
()
1z
OSR
–
–
OSR 1
z
1
–
–
()
---------------------------------
⎝⎠
⎜⎟
⎛⎞ 3
=
z
2
πfj
DMCLK
----------------------
⎝⎠
⎛⎞
exp
=
NMRR f
()
c
π
f
DMCLK
----------------------
⋅
⎝⎠
⎛⎞
sin
c
π
f
DRCLK
--------------------
⋅
⎝⎠
⎛⎞
sin
----------------------------------------------
3
=
NMRR f
()
c
π f
f
D
-----
⋅
⎝⎠
⎛⎞
sin
c
π f
f
S
----
⋅
⎝⎠
⎛⎞
sin
-----------------------------
3
=
cx
()
sin
x
()
sin
x
---------------
=
-120
-100
-80
-60
-40
-20
0
20
1
10
100
1000
10000
100000 1000000
Input Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com