Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3901 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP3901
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 22Page - Microchip Technology MCP3901 Datasheet HTML 23Page - Microchip Technology MCP3901 Datasheet HTML 24Page - Microchip Technology MCP3901 Datasheet HTML 25Page - Microchip Technology MCP3901 Datasheet HTML 26Page - Microchip Technology MCP3901 Datasheet HTML 27Page - Microchip Technology MCP3901 Datasheet HTML 28Page - Microchip Technology MCP3901 Datasheet HTML 29Page - Microchip Technology MCP3901 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
MCP3901
DS22192A-page 26
© 2009 Microchip Technology Inc.
5.3.2
MODULATOR INPUT RANGE AND
SATURATION POINT
For a specified voltage reference value of 2.4V, the
modulators
specified
differential
input
range
is
±500 mV. The input range is proportional to VREF and
scales according to the VREF voltage. This range is
guaranteeing the stability of the modulator over
amplitude and frequency. Outside of this range, the
modulator is still functional, however its stability is no
longer guaranteed and therefore it is not recommended
to exceed this limit. The saturation point for the
modulator is VREF/3 since the transfer function of the
ADC includes a gain of 3 by default (independent from
the PGA setting. See Section 5.6 “ADC OUTPUT
CODING”).
5.3.3
BOOST MODE
The
Delta-Sigma
modulators
also
include
an
independent BOOST mode for each channel. If the
corresponding BOOST<1:0> bit is enabled, the power
consumption of the modulator is multiplied by 2 and its
bandwidth is increased to be able to sustain AMCLK
clock frequencies up to 8.192 MHz while keeping the
ADC accuracy. When disabled, the power consumption
is back to normal and the AMCLK clock frequencies
can only reach up to 5 MHz without affecting ADC
accuracy.
5.4
Modulator Output Block
If the user wishes to use the modulator output of the
device the appropriate bits to enable the modulator
output must be set in the configuration register.
When MODOUT<1:0> is enabled, the modulator
output of the corresponding channel is present at the
corresponding MDAT output pin as soon as the
command is placed.
Since the sigma-delta modulators have a 5-level output
given by the state of 4 comparators with thermometer
coding, their outputs can be represented on 4 bits, each
bit giving the state of the corresponding comparator
(See Table 5-2). These bits are present on the MOD
register and are updated at the DMCLK rate.
In order to output the comparators result on a separate
pin (MDAT0 and MDAT1), these comparator output bits
have been arranged to be serially output at the AMCLK
rate (See Figure 5-2).
This 1-bit serial bitstream is the same that would be
produced by a 1-bit DAC modulator with a sampling
frequency of AMCLK. The modulator can either be
considered like a 5 level-output at DMCLK rate or 1-bit
output at AMCLK rate. These two representations are
interchangeable. The MDAT outputs can therefore be
used in any application that requires 1-bit modulator
outputs. These applications will often integrate and
filter the 1-bit output with SINC or more complex
decimation filters computed by a MCU or a DSP.
FIGURE 5-2:
MDAT Serial Outputs in
Function of the Modulator Output Code.
Since the reset and shutdown SPI commands are
asynchronous, the MDAT pins are resynchronized with
DMCLK after each time the part goes out of reset and
shutdown.
This means that the first output of MDAT after RESET
is always 0011 after the first DMCLK rising edge.
TABLE 5-2:
DELTA-SIGMA MODULATOR
CODING
Comp<3:0>
Code
Modulator
Output Code
MDAT Serial
Stream
1111
+2
1111
0111
+1
0111
0011
0
0011
0001
-1
0001
0000
-2
0000
DMCLK
MDAT+2
MDAT+1
MDAT+0
MDAT-1
MDAT-2
COMP
AMCLK
<3>
COMP
<2>
COMP
<1>
COMP
<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com