Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3901 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP3901
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 42Page - Microchip Technology MCP3901 Datasheet HTML 43Page - Microchip Technology MCP3901 Datasheet HTML 44Page - Microchip Technology MCP3901 Datasheet HTML 45Page - Microchip Technology MCP3901 Datasheet HTML 46Page - Microchip Technology MCP3901 Datasheet HTML 47Page - Microchip Technology MCP3901 Datasheet HTML 48Page - Microchip Technology MCP3901 Datasheet HTML 49Page - Microchip Technology MCP3901 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
MCP3901
DS22192A-page 46
© 2009 Microchip Technology Inc.
7.5
Status and Communication
Register
This register contains all settings related to the
communication including data ready settings and
status, and read mode settings.
7.5.1
DATA READY (DR) LATENCY
CONTROL - DR_LTY
This bit determines if the first data ready pulses
correspond to settled data or unsettled data from each
SINC3 filter. Unsettled data will provide DR pulses
every DRCLK period. If this bit is set, unsettled data will
wait for 3 DRCLK periods before giving DR pulses and
will then give DR pulses every DRCLK period.
7.5.2
DATA READY (DR) PIN HIGH Z -
DR_HIZN
This bit defines the non-active state of the data ready
pin (logic 1 or high impedance). Using this bit, the user
can connect multiple chips with the same DR pin with a
pull up resistor (DR_HIZN=0) or a single chip with no
external component (DR_HIZN=1).
7.5.3
DATA READY MODE -
DRMODE<1:0>
If one of the channels is in reset or shutdown, only one
of the data ready pulses is present and the situation is
similar to DRMODE = 01 or 10. In the 01,10 and 11
modes, the ADC channel data to be read is latched at
the beginning of a reading, in order to prevent the case
of erroneous data when a DR pulse happens during a
read. In these modes the two channels are indepen-
dent.
When these bits are equal to 11,10 or 01, they control
which ADC’s data ready is present on the DR pin.
When DRMODE=00, the data ready pin output is syn-
chronized with the lagging ADC channel (defined by
the PHASE register), and the ADCs are linked together.
In this mode, the output of the two ADCs are latched
synchronously at the moment of the DR event. This
prevents from having bad synchronization between the
two ADCs. The output is also latched at the beginning
of a reading in order not to be updated during a read
and not to give erroneous data.
This
mode
is
very
useful
for
power
metering
applications because the data from both ADCs can be
retrieved using this single data ready event and
processed synchronously even in case of a large
phase difference. This mode works as if there was one
ADC channel and its data would be 48 bits long and
contain both channel data. As a consequence, if one
channel is in reset or shutdown when DRMODE=00, no
data ready pulse will be present at the outputs (if both
channels are not ready in this mode, the data is not
considered as ready).
See Section 6.9 “Data Ready Pin (DR)” for more
details about data ready pin behavior.
7.5.4
DR STATUS FLAG -
DRSTATUS<1:0>
These bits indicate the DR status of both channels
respectively. These flags are set to logic high after each
read of the STATUS/COM register. These bits are
cleared when a DR event has happened on its
respective ADC channel. Writing these bits has no
effect.
Note:
These bits are useful if multiple devices
share
the
same
DR
output
pin
(DR_HIZN=0) in order to understand from
which device the DR event has happened.
This
configuration
can
be
used
for
three-phase
power
metering
systems
where all three phases share the same
data ready pin. In case the DRMODE=00
(Linked ADCs), these data ready status
bits will be updated synchronously upon
the same event (lagging ADC is ready).
These bits are also useful in systems
where the DR pin is not used to save MCU
I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com