Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC11CPU Datasheet(PDF) 6 Page - Motorola, Inc

Part # M68HC11CPU
Description  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU Datasheet(HTML) 6 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 2Page - Motorola, Inc M68HC11CPU Datasheet HTML 3Page - Motorola, Inc M68HC11CPU Datasheet HTML 4Page - Motorola, Inc M68HC11CPU Datasheet HTML 5Page - Motorola, Inc M68HC11CPU Datasheet HTML 6Page - Motorola, Inc M68HC11CPU Datasheet HTML 7Page - Motorola, Inc M68HC11CPU Datasheet HTML 8Page - Motorola, Inc M68HC11CPU Datasheet HTML 9Page - Motorola, Inc M68HC11CPU Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–6
Table 1. M68HC11 Family Microcontrollers
Part
Number
EPROM
RAM
EEPROM
Timer
I/O
Serial
A/D
PWM
Package
Comments
MC68HC11A0
256
16–Bit – 3 IC,
22
SPI
8Ch
52–FN
64K External Address Bus,
MC68HC11A0
–
256
–
,
5 OC, RTI, WDOG
Pl
A
l t
22
SPI,
SCI
8 Ch,
8–Bit
–
64–FU
48 P
,
68HC24 PRU, 3.0 V Version
Ail bl
Pulse Accumulator
SCI
8–Bit
48–P
Available
MC68HC11A1
256
512
16–Bit – 3 IC,
22
SPI
8Ch
52–FN
64K External Address Bus,
MC68HC11A1
–
256
512
,
5 OC, RTI, WDOG
Pl
A
l t
22
SPI,
SCI
8 Ch,
8–Bit
–
64–FU
48 P
,
68HC24 PRU, 3.0 V Version
Ail bl
Pulse Accumulator
SCI
8–Bit
48–P
Available
MC68HC11A7
8K
256
16–Bit – 3 IC,
38
SPI
8Ch
52–FN
3 MHz Version Available, 64K
MC68HC11A7
8K
256
–
,
5 OC, RTI, WDOG,
Pl
A
l t
38
SPI,
SCI
8 Ch,
8–Bit
–
64–FU
48 P
,
External Address Bus, 68HC24
PRU 3 0VV
i
A
il bl
Pulse Accumulator
SCI
8–Bit
48–P
PRU, 3.0 V Version Available
MC68HC11A8
8K
256
512
16–Bit – 3 IC,
38
SPI
8Ch
52 FN
3 MHz Version Available, Low
Voltage Version (3 0 5 5V) at 2 MHz
MC68HC11A8
8K
256
512
16 Bit
3 IC,
5 OC, RTI, WDOG,
Pulse Accumulator
38
SPI,
SCI
8 Ch,
8–Bit
–
52–FN
48–P
Voltage Version (3.0–5.5V) at 2 MHz,
64KExternal Address Bus, 68HC24
Pulse Accumulator
SCI
8Bit
48 P
64KExternal Address Bus, 68HC24
PRU
XC68HC11C0
256
512
16–Bit – 3/4 IC,
4/5 OC RTI
36
SPI
4Ch
2Ch
68 FN
256K Externed Memory
XC68HC11C0
–
256
512
4/5 OC, RTI,
WDOG,
36
SPI,
SCI
4 Ch,
8–Bit
2 Ch,
8–Bit
68–FN
64–FU
256K Externed Memory,
6 Chip Selects
WDOG,
Pulse Accumulator
SCI
8Bit
8Bit
64 FU
6 Chip Selects
MC68HC11D0
192
16–Bit – 3/4 IC,
4/5 OC RTI
14
SPI
44–FB
64K External Address Bus
MC68HC11D0
–
192
–
4/5 OC, RTI,
WDOG,
14
SPI,
SCI
–
–
44 FB
44–FN
40 P
64K External Address Bus,
68HC27 PRU, 3.0V Version Available
WDOG,
Pulse Accumulator
SCI
40–P
68HC27 PRU, 3.0V Version Available
MC68HC11D3
4K
192
16–Bit – 3/4 IC,
4/5 OC RTI
32
SPI
44–FB
3 MHz Version Available, Low
Voltage Version (3 0 5 5V) at 2 MHz
MC68HC11D3
4K
192
–
4/5 OC, RTI,
WDOG,
32
SPI,
SCI
–
–
44 FB
44–FN
40 P
Voltage Version (3.0–5.5V) at 2 MHz,
64K External Address Bus, 68HC27
WDOG,
Pulse Accumulator
SCI
40–P
64K External Address Bus, 68HC27
PRU
MC68HC11ED0
512
16–Bit – 3/4 IC,
4/5 OC RTI
30
SPI
44–FB
Pi C
tibl
ith 68HC11D3
MC68HC11ED0
–
512
–
4/5 OC, RTI,
WDOG,
30
SPI,
SCI
–
–
44 FB
44–FN
40 P
Pin Compatible with 68HC11D3
WDOG,
Pulse Accumulator
SCI
40–P
MC68HC11E0
512
16–Bit – 3/4 IC,
4/5 OC RTI
22
SPI
8Ch
52 FN
64K External Address Bus
MC68HC11E0
–
512
–
4/5 OC, RTI,
WDOG,
22
SCI
SPI,
8–Bit
8 Ch,
–
52–FN
64K External Address Bus,
68HC24 PRU, 3.0 V Version Available
WDOG,
Pulse Accumulator
SCI
8Bit
68HC24 PRU, 3.0 V Version Available
MC68HC11E1
512
512
16–Bit – 3/4 IC,
4/5 OC RTI
22
SPI
8Ch
52 FN
64K External Address Bus,
MC68HC11E1
–
512
512
4/5 OC, RTI,
WDOG,
22
SPI,
SCI
8 Ch,
8–Bit
–
52–FN
64–FU
64K External Address Bus,
EEPROM Block Protect, 68HC24
PRU 3 0 V Version Available
WDOG,
Pulse Accumulator
SCI
8Bit
64 FU
PRU, 3.0 V Version Available
MC68HC11E8
12K
512
16–Bit – 3/4 IC,
4/5 OC RTI
38
SPI
8Ch
52 FN
3 MHz Version Available,
MC68HC11E8
12K
512
–
4/5 OC, RTI,
WDOG,
38
SCI
SPI,
8–Bit
8 Ch,
–
52–FN
3 MHz Version Available,
64K External Address Bus,
3 0 V Version Available
WDOG,
Pulse Accumulator
SCI
8Bit
3.0 V Version Available
MC68HC11E9
12K
512
512
16–Bit – 3/4 IC,
38
SPI
8Ch
52 FN
EEPROM Block Protect, 3 MHz
MC68HC11E9
12K
512
512
,
4/5 OC, RTI,
WDOG
38
SPI,
8 Ch,
–
52–FN
,
Version Available, Low Voltage
V
i
(3 0 5 5V) t 2 MH
64K
MC68HC11E9
12K
512
512
WDOG,
Pulse Accumulator
38
,
SCI
,
8–Bit
–
64–FU
g
Version (3.0–5.5V) at 2 MHz, 64K
External Address Bus
Pulse Accumulator
External Address Bus
XC68HC11E20
20K
768
512
16–Bit – 3/4 IC,
4/5 OC RTI
38
SPI
8Ch
52 FN
3MH M
B
XC68HC11E20
20K
768
512
4/5 OC, RTI,
WDOG,
38
SPI,
SCI
8 Ch,
8–Bit
–
52–FN
64–FU
3 MHz Mux Bus
WDOG,
Pulse Accumulator
SCI
8Bit
64 FU
MC68HC811E2
256
2048
16–Bit – 3/4 IC,
4/5 OC RTI
38
SPI
8Ch
52 FN
EEPROM Block Protect,
MC68HC811E2
–
256
2048
4/5 OC, RTI,
WDOG,
38
SPI,
SCI
8 Ch,
8–Bit
–
52–FN
EEPROM Block Protect,
64K External Address Bus,
68HC24 PRU
WDOG,
Pulse Accumulator
SCI
8Bit
68HC24 PRU
MC68HC11F1
1K
512
16–Bit – 3/4 IC,
54
SPI
8Ch
68 FN
Programmable Chip Selects,
MC68HC11F1
–
1K
512
,
4/5 OC, RTI,
WDOG
54
SPI,
8 Ch,
–
68–FN
gp
,
EEPROM Block Protect, 64K
E t
l Add
B
68HC27 PRU
MC68HC11F1
–
1K
512
WDOG,
Pulse Accumulator
54
,
SCI
,
8–Bit
–
80–FU
External Address Bus, 68HC27 PRU,
4 MHz Non Mux Address/Data Bus
Pulse Accumulator
4 MHz Non–Mux Address/Data Bus
PC68HC11G0
512
16–Bit – 3/4 IC,
4/5 OC RTI
38
SPI
8Ch
4Ch
84 FN
PC68HC11G0
–
–
512
4/5 OC, RTI,
WDOG,
38
SPI,
SCI
8 Ch,
10–Bit
4 Ch,
8–Bit
84–FN
80–FU
WDOG,
Pulse Accumulator
SCI
10 Bit
8Bit
80 FU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com