Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC11CPU Datasheet(PDF) 11 Page - Motorola, Inc

Part # M68HC11CPU
Description  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU Datasheet(HTML) 11 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 7Page - Motorola, Inc M68HC11CPU Datasheet HTML 8Page - Motorola, Inc M68HC11CPU Datasheet HTML 9Page - Motorola, Inc M68HC11CPU Datasheet HTML 10Page - Motorola, Inc M68HC11CPU Datasheet HTML 11Page - Motorola, Inc M68HC11CPU Datasheet HTML 12Page - Motorola, Inc M68HC11CPU Datasheet HTML 13Page - Motorola, Inc M68HC11CPU Datasheet HTML 14Page - Motorola, Inc M68HC11CPU Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–11
Table 5. M6805 (HMOS) Microprocessors
Bus
EPROM or
Part
Speed,
EEPROM
Number
ROM
RAM
EEPROM
Timer
Serial
A/D
I/O
MHz
Package
Version
Comments
MC6805P2
1K
64
0
8–Bit
–
No
20
0.1–1.0
28–P
705P3
LVI Option
MC6805P2
1K
64
0
8–Bit
–
No
20
0.1–1.0
28–FN
705P3
LVI Option
MC6805P6
2K
64
0
8–Bit
–
No
20
0.1–1.0
28–P
705P3
LVI Option
MC6805R2
2K
64
0
8–Bit
–
Yes
32
0.1–1.0
40–P
705R3
LVI Option, Prog. Prescaler
MC6805R2
2K
64
0
8–Bit
–
Yes
32
0.1–1.0
44–FN
705R3
p,
g
Option
MC6805R3
4K
112
0
8–Bit
–
Yes
32
0.1–1.0
40–P
705R3
7–Bit Prescaler, LVI Option
MC6805R3
4K
112
0
8–Bit
–
Yes
32
0.1–1.0
44–FN
705R3
7–Bit Prescaler, LVI Option
MC6805R6
4K
112
0
8–Bit, WDOG
–
Yes
32
0.1–1.0
40–P
705R3
7–Bit Prescaler, LVI Option
MC6805R6
4K
112
0
8–Bit, WDOG
–
Yes
32
0.1–1.0
44–FN
705R3
7–Bit Prescaler, LVI Option
MC6805S2
1K
64
0
16–Bit, 8–Bit
SPI
Yes
16
0.1–1.0
28–P
705S3
15–Bit Prescaler, LVI
MC6805S3
4K
104
0
2 8–Bit,
16–Bit
SPI
Yes
21
0.1–1.0
28–P
705S3
1 Extra 8–Bit Timer
MC6805U2
2K
64
0
8–Bit
–
No
32
0.1–1.0
40–P
705U3
LVI Option
MC6805U2
2K
64
0
8–Bit
–
No
32
0.1–1.0
44–FN
705U3
LVI Option
MC6805U3
4K
112
0
8–Bit
–
No
32
0.1–1.0
40–P
705U3
7–Bit Prescaler, LVI Option
MC6805U3
4K
112
0
8–Bit
–
No
32
0.1–1.0
44–FN
705U3
7–Bit Prescaler, LVI Option
Table 6. 8–Bit MPU/Peripherals
Device
Pins
Package
Part Description
MC14618
24
P
Real Time Clock, 50 Bytes RAM, Programmable Square Wave
MC146818A
24, 28
P, FN
Enhanced Version of the MC146818
MC146823
40, 44
P, FN
Three 8–Bit Ports, Handshake Control Logic
MC146805E2
40, 44
P, FN
CMOS 8–Bit Microprocessor
MC68HC68L9
80
FU
LCD Expansion to the MC05L9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com