Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC11CPU Datasheet(PDF) 7 Page - Motorola, Inc

Part # M68HC11CPU
Description  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU Datasheet(HTML) 7 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 3Page - Motorola, Inc M68HC11CPU Datasheet HTML 4Page - Motorola, Inc M68HC11CPU Datasheet HTML 5Page - Motorola, Inc M68HC11CPU Datasheet HTML 6Page - Motorola, Inc M68HC11CPU Datasheet HTML 7Page - Motorola, Inc M68HC11CPU Datasheet HTML 8Page - Motorola, Inc M68HC11CPU Datasheet HTML 9Page - Motorola, Inc M68HC11CPU Datasheet HTML 10Page - Motorola, Inc M68HC11CPU Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–7
Table 1. M68HC11 Family Microcontrollers (continued)
Part
Number
Comments
Package
PWM
A/D
Serial
I/O
Timer
EEPROM
RAM
EPROM
PC68HC11G5
16K
512
16–Bit – 3/4 IC,
4/5 OC RTI
66
SPI
8Ch
4Ch
84 FN
PC68HC11G5
16K
512
–
4/5 OC, RTI,
WDOG,
66
SPI,
SCI
8 Ch,
10–Bit
4 Ch,
8–Bit
84–FN
80–FU
WDOG,
Pulse Accumulator
SCI
10 Bit
8Bit
80 FU
PC68HC11G7
24K
512
16–Bit – 3/4 IC,
4/5 OC RTI
66
SPI
8Ch
4Ch
84 FN
PC68HC11G7
24K
512
–
4/5 OC, RTI,
WDOG,
66
SPI,
SCI
8 Ch,
10–Bit
4 Ch,
8–Bit
84–FN
80–FU
WDOG,
Pulse Accumulator
SCI
10 Bit
8Bit
80 FU
PC68HC11J6
16K
512
16–Bit – 3/4 IC,
4/5 OC RTI
29
SPI
8Ch
4Ch
84 FN
PC68HC11J6
16K
–
512
4/5 OC, RTI,
WDOG,
29
SPI,
SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
84–FN
80–FU
WDOG,
Pulse Accumulator
SCI
8Bit
8Bit
80 FU
MC68HC11K0
768
16–Bit – 3/4 IC,
4/5 OC RTI
37
SPI
8Ch
4Ch
84 FN
4 MHz Non–Mux Address/Data Bus,
Chip Selects Extended Memory
MC68HC11K0
–
768
–
4/5 OC, RTI,
WDOG,
37
SPI,
SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
84–FN
80–FU
Chip Selects, Extended Memory
Map, 68HC27 PRU, 3.0 V Version
WDOG,
Pulse Accumulator
SCI
8Bit
8Bit
80 FU
Map, 68HC27 PRU, 3.0 V Version
Available
MC68HC11KA0
768
16–Bit – 3/4 IC,
4/5 OC RTI
26
SPI
8Ch
4Ch
68 FN
4 MHz Non–Mux Address/Data Bus,
MC68HC11KA0
–
768
–
4/5 OC, RTI,
WDOG,
26
SPI,
SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
68–FN
64–FU
4 MHz Non Mux Address/Data Bus,
Chip Selects, Extended Memory
Map 68HC27 PRU
WDOG,
Pulse Accumulator
SCI
8Bit
8Bit
64 FU
Map, 68HC27 PRU
MC68HC11K1
768
640
16–Bit – 3/4 IC
37
SPI
8Ch
4Ch
84 FN
4 MHz Non–MuxBus,Chip Selects,
MC68HC11K1
–
768
640
16–Bit – 3/4 IC,
4/5 OC, RTI,WDOG,
37
SPI,
8 Ch,
4 Ch,
84–FN
,p
,
EEPROM Block Protect, Extended
M
M
68HC27 PRU
MC68HC11K1
–
768
640
4/5 OC, RTI,WDOG,
Pulse Accumulator
37
,
SCI
,
8–Bit
,
8–Bit
80–FU
Memory Map, 68HC27 PRU,
3 0 V Version Available
Pulse Accumulator
3.0 V Version Available
MC68HC11KA1
768
640
16–Bit – 3/4 IC,
26
SPI
8Ch
4Ch
68 FN
4 MHz Non–Mux Address/Data Bus,
Chip Selects EEPROM Block Protect
MC68HC11KA1
–
768
640
16 Bit
3/4 IC,
4/5 OC, RTI,WDOG,
Pulse Accumulator
26
SPI,
SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
68–FN
64–FU
Chip Selects,EEPROM Block Protect,
Extended Memory Map, 68HC27
Pulse Accumulator
SCI
8Bit
8Bit
64 FU
Extended Memory Map, 68HC27
PRU
MC68HC11K3
24K
768
16–Bit – 3/4 IC,
4/5 OC RTI
62
SPI
8Ch
4Ch
84 FN
4 MHz Non–Mux Address/Data Bus,
Chip Selects Extended Memory
MC68HC11K3
24K
768
–
4/5 OC, RTI,
WDOG,
62
SPI,
SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
84–FN
80–FU
Chip Selects, Extended Memory
Map, 68HC27 PRU, 3.0V Version
WDOG,
Pulse Accumulator
SCI
8Bit
8Bit
80 FU
Map, 68HC27 PRU, 3.0V Version
Available
MC68HC11KA3
24K
768
16–Bit – 3/4 IC,
4/5 OC RTI
51
SPI
8Ch
4Ch
68 FN
4 MHz Non–Mux Address/Data Bus,
MC68HC11KA3
24K
768
–
4/5 OC, RTI,
WDOG,
51
SPI,
SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
68–FN
64–FU
4 MHz Non Mux Address/Data Bus,
Chip Selects, Extended Memory
Map 68HC27 PRU
WDOG,
Pulse Accumulator
SCI
8Bit
8Bit
64 FU
Map, 68HC27 PRU
MC68HC11K4
24K
768
640
16–Bit – 3/4 IC,
62
SPI
8Ch
4Ch
84 FN
4 MHz Non–Mux Bus, Low Voltage
Version (30 55V) at 3 MHz Chip
MC68HC11K4
24K
768
640
16 Bit
3/4 IC,
4/5 OC, RTI,
WDOG
62
SPI,
8 Ch,
4 Ch,
84–FN
Version (3.0–5.5V) at 3 MHz, Chip
Selects, EEPROM Block Protect,
MC68HC11K4
24K
768
640
WDOG,
Pulse Accumulator
62
,
SCI
,
8–Bit
,
8–Bit
80–FU
Selects, EEPROM Block Protect,
Extended Memory Map, 68HC27
Pulse Accumulator
Extended Memory Map, 68HC27
PRU
MC68HC11KA4
24K
768
640
16–Bit – 3/4 IC,
4/5 OC RTI
51
SPI
8Ch
4Ch
68 FN
4 MHz Non–Mux Address/Data Bus,
MC68HC11KA4
24K
768
640
4/5 OC, RTI,
WDOG,
51
SPI,
SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
68–FN
64–FU
4 MHz Non Mux Address/Data Bus,
Chip Selects, EEPROM Block
Protect
WDOG,
Pulse Accumulator
SCI
8Bit
8Bit
64 FU
Protect
MC68HC11L0
512
16–Bit – 3/4 IC,
30
SPI
8Ch
68–FN
64K External Address Bus,
MC68HC11L0
–
512
–
,
4/5 OC,RTI, WDOG,
Pl
A
l t
30
SPI,
SCI
8 Ch,
8–Bit
–
68–FN
64–FU
,
68HC24 PRU, 3.0 V Version
Ail bl
Pulse Accumulator
SCI
8–Bit
64–FU
Available
MC68HC11L1
512
512
16–Bit – 3/4 IC,
46
SPI
8Ch
68 FN
64K External Address Bus,
EEPROM Block Protect
MC68HC11L1
–
512
512
16 Bit
3/4 IC,
4/5 OC,RTI, WDOG,
Pulse Accumulator
46
SPI,
SCI
8 Ch,
8–Bit
–
68–FN
64–FU
EEPROM Block Protect,
68HC24 PRU, 3.0 V Version
Pulse Accumulator
SCI
8Bit
64 FU
68HC24 PRU, 3.0 V Version
Available
MC68HC11L5
16K
512
16–Bit – 3/4 IC,
4/5 OC RTI
46
SPI
8Ch
68 FN
64K External Address Bus,
MC68HC11L5
16K
512
–
4/5 OC, RTI,
WDOG,
46
SPI,
SCI
8 Ch,
8–Bit
–
68–FN
64–FU
64K External Address Bus,
68HC24 PRU, 3.0 V Version
Available
WDOG,
Pulse Accumulator
SCI
8Bit
64 FU
Available
MC68HC11L6
16K
512
512
16–Bit – 3/4 IC,
4/5 OC RTI
46
SPI
8Ch
68 FN
3 MHz Version Available, Low
Voltage Version (3 0 5 5V) at 2 MHz
MC68HC11L6
16K
512
512
4/5 OC, RTI,
WDOG,
46
SPI,
SCI
8 Ch,
8–Bit
–
68–FN
64–FU
Voltage Version (3.0–5.5V) at 2 MHz,
64K External Address Bus, 68HC24
WDOG,
Pulse Accumulator
SCI
8Bit
64 FU
64K External Address Bus, 68HC24
PRU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com