| Electronic Components Datasheet Search |
|
M68HC11CPU Datasheet(PDF) 12 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC11CPU Datasheet(HTML) 12 Page - Motorola, Inc |
|
12 / 31 page ![]() Motorola Master Selection Guide Single-Chip Microcontrollers (AMCU) 2.6–12 Modular Microcontrollers Modular microcontrollers are another of the innovations that make Motorola a leader in single–chip control systems. Modular controllers are built up from standard modules that interface via a common intermodule bus (IMB). The modular concept allows rapid design and manufacture of controllers tailored for specific applications. Intermodule Bus Peripherals Each modular microcontroller incorporates a state–of–the art pipelined CPU module, a sophisticated integration module, and a number of special–purpose modules. The rapidly–growing library of special–purpose modules includes programmable timers, serial communication interfaces, analog–to–digital converters, and a variety of memory modules. Central Processing Units CPU16 • 16–Bit Architecture • Full Set of 16–Bit Instructions • Three 16–Bit Index Registers • Two 16–Bit Accumulators • One Megabyte of Program Memory and One Megabyte of Data Memory • Source code compatible with the M68HC11 CPU • Control–Oriented Digital Signal Processing Capability • High–Level Language Support • Fast Interrupt Response Time • Fully Static Implementation • Low Power Stop Operation • Background Debugging Mode • Hardware Breakpoint Signal CPU32 • 32–Bit Internal Data Path and Arithmetic Hardware • 32–Bit Internal Address Bus – 24–Bit External Address Bus • Eight 32–Bit General–Purpose Data Registers • Seven 32–Bit General–Purpose Address Registers • Separate User and Supervisor Stack Pointers and Address Spaces • Separate Program and Data Address Spaces • Virtual Memory Implementation • Enhanced Addressing Modes • Object Code Compatible with M68000 Family • Improved Exception Handling for Controller Applications • Rich Instruction Set • Fully Static Implementation • Low Power Stop Operation • Background Debugging Mode • Hardware and Software Breakpoints • Trace on Change of Flow Integration Modules System Integration Module (SIM) • Manages controller internal and external bus interfaces • Provides device interrupt arbitration • Spurious interrupt monitor • Twelve programmable chip–select outputs • Watchdog timer, clock monitor, and bus monitor • PLL clock synthesizer Single–Chip Integration Module (SCIM) • Manages controller internal and external bus interfaces • Provides device interrupt arbitration • Spurious interrupt monitor • Single–chip operation with address and data bus pins configured as I/O ports • Optional Fully or Partially–expanded bus operation • Nine general–purpose chip select outputs • Emulation mode chip–select outputs can be used to address a port replacement unit and external emulation RAM • Watchdog timer, clock monitor, and bus monitor • PLL clock synthesizer • Interrupt request inputs can be configured for edge or level detection • Reduced pin SCIM (RPSCIM) available with 5 chip selects Timers Time Processor Unit (TPU) • On–chip microengine dedicated to high–speed timing tasks • Two independent 16–bit counters used as basis for timing tasks • Real–time task scheduler • Executes a programmed series of functions to perform complex tasks • Each of 16 orthogonal channels can perform available time functions • Functions contained in dedicated control store or in MCU RAM • TPU communicates to CPU via dual port RAM General Purpose Timer (GPT) • Two 16–bit free–running counters • Three input capture channels • Four output compare channels • One input capture/output compare channel • One pulse accumulator/event counter input • Two pulse–width modulation outputs • Pulse accumulator input Configurable Timer Module (CTM) • Modular timer system combining different configurations of timer submodules: • CPSM–6 TAP counter prescaler • FCSM–16–bit free running up counter • MCSM–16–bit modulus up counter • SASM–(Single Action) two I/O pins for 16–bit input capture or output compare functions • DASM–(Dual Action) one I/O pin for 16–bit I/C, O/C, PWM, or output function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |