Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC11CPU Datasheet(PDF) 18 Page - Motorola, Inc

Part # M68HC11CPU
Description  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU Datasheet(HTML) 18 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 14Page - Motorola, Inc M68HC11CPU Datasheet HTML 15Page - Motorola, Inc M68HC11CPU Datasheet HTML 16Page - Motorola, Inc M68HC11CPU Datasheet HTML 17Page - Motorola, Inc M68HC11CPU Datasheet HTML 18Page - Motorola, Inc M68HC11CPU Datasheet HTML 19Page - Motorola, Inc M68HC11CPU Datasheet HTML 20Page - Motorola, Inc M68HC11CPU Datasheet HTML 21Page - Motorola, Inc M68HC11CPU Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–18
Table 7. M68HC16 Family Modular Microcontrollers
Part
Integration
Number
ROM
SRAM
EEPROM
Timer
I/O
Serial
ADC
Module
Package
Comments
MC68HC16Z1
1K
GPT
46
QSM
8Ch
SIM
132–FC
20 Address Lines
MC68HC16Z1
–
1K
–
GPT
46
QSM
8 Ch,
SIM
132–FD
144 FM
20 Address Lines,
12 Chip Selects,
MC68HC16Z1
–
1K
–
GPT
46
QSM
,
10–Bit
SIM
144–FM
144 FV
12 Chip Selects,
Synthesized Clock
144–FV
Synthesized Clock
MC68HC16Z2
8K
2K
GPT
46
QSM
8Ch
SIM
132–FC
20 Address Lines,
MC68HC16Z2
8K
2K
–
GPT
46
QSM
8 Ch,
10–Bit
SIM
132–FC
132–FD
,
12 Chip Selects,
Sthid Cl
k
10–Bit
132–FD
p
Synthesized Clock
MC68HC16Y1
48K
2K
TPU
GPT
95
MCCI
8Ch
SCIM
160–FT
20 Address Lines,
MC68HC16Y1
48K
2K
–
TPU + GPT
95
MCCI
8 Ch,
10–Bit
SCIM
160–FT
160–FM
,
9 Chip Selects, Single
Chi
E
d d M d
10–Bit
160–FM
pg
Chip or Expanded Mode
XC68HC916X1
1K
2K BEFlash
GPT
70
QSM
8 Ch,
RPSCIM
120–TH
20 Address Lines,
5 Chip Selects, Single
XC68HC916X1
1K
48K Flash
GPT
70
QSM
,
10–Bit
RPSCIM
120–TH
5 Chip Selects, Single
Chip or Expanded Mode
XC68HC916Y1
4K
48K Fl
h
TPU
GPT
95
MCCI
8Ch
SCIM
160–FT
20 Address Lines,
XC68HC916Y1
–
4K
48K Flash
TPU + GPT
95
MCCI
8 Ch,
10–Bit
SCIM
160–FT
160–FM
,
9 Chip Selects, Single
Chi
E
d d M d
10–Bit
160–FM
pg
Chip or Expanded Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com