Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4321 Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 43Page - Microchip Technology PIC18F4321 Datasheet HTML 44Page - Microchip Technology PIC18F4321 Datasheet HTML 45Page - Microchip Technology PIC18F4321 Datasheet HTML 46Page - Microchip Technology PIC18F4321 Datasheet HTML 47Page - Microchip Technology PIC18F4321 Datasheet HTML 48Page - Microchip Technology PIC18F4321 Datasheet HTML 49Page - Microchip Technology PIC18F4321 Datasheet HTML 50Page - Microchip Technology PIC18F4321 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 47
PIC18F2221/2321/4221/4321 FAMILY
5.0
RESET
The
PIC18F2221/2321/4221/4321
family
devices
differentiate between various kinds of Reset:
a)
Power-on Reset (POR)
b)
MCLR Reset during normal operation
c)
MCLR Reset during power-managed modes
d)
Watchdog Timer (WDT) Reset (during
execution)
e)
Programmable Brown-out Reset (BOR)
f)
RESET Instruction
g)
Stack Full Reset
h)
Stack Underflow Reset
This section discusses Resets generated by MCLR,
POR and BOR and covers the operation of the various
start-up timers. Stack Reset events are covered in
Section 6.1.2.4 “Stack Full and Underflow Resets”.
WDT Resets are covered in Section 24.2 “Watchdog
Timer (WDT)”.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 5-1.
5.1
RCON Register
Device Reset events are tracked through the RCON
register (Register 5-1). The lower five bits of the regis-
ter indicate that a specific Reset event has occurred. In
most cases, these bits can only be cleared by the event
and must be set by the application after the event. The
state of these flag bits, taken together, can be read to
indicate the type of Reset that just occurred. This is
described in more detail in Section 5.6 “Reset State
of Registers”.
The RCON register also has control bits for setting
interrupt priority (IPEN) and software control of the
BOR (SBOREN). Interrupt priority is discussed in
Section 10.0 “Interrupts”. BOR is covered in
Section 5.4 “Brown-out Reset (BOR)”.
FIGURE 5-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
External Reset
MCLR
VDD
OSC1
WDT
Time-out
VDD Rise
Detect
OST/PWRT
INTRC(1)
POR Pulse
OST
10-bit Ripple Counter
PWRT
11-Bit Ripple Counter
Enable OST(2)
Enable PWRT
Note 1: This is the INTRC source from the internal oscillator block and is separate from the RC oscillator of the CLKI pin.
2: See Table 5-2 for time-out situations.
Brown-out
Reset
BOREN
RESET
Instruction
Stack
Pointer
Stack Full/Underflow Reset
Sleep
( )_IDLE
1024 Cycles
65.5 ms
32
μs
MCLRE
S
R
Q
Chip_Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com