Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4321 Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 66Page - Microchip Technology PIC18F4321 Datasheet HTML 67Page - Microchip Technology PIC18F4321 Datasheet HTML 68Page - Microchip Technology PIC18F4321 Datasheet HTML 69Page - Microchip Technology PIC18F4321 Datasheet HTML 70Page - Microchip Technology PIC18F4321 Datasheet HTML 71Page - Microchip Technology PIC18F4321 Datasheet HTML 72Page - Microchip Technology PIC18F4321 Datasheet HTML 73Page - Microchip Technology PIC18F4321 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 70
© 2009 Microchip Technology Inc.
TMR0H
Timer0 Register High Byte
0000 0000
56, 131
TMR0L
Timer0 Register Low Byte
xxxx xxxx
56, 131
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
56, 129
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
0100 q000
37, 56
HLVDCON
VDIRMAG
—
IRVST
HLVDEN
HLVDL3
HLVDL2
HLVDL1
HLVDL0
0-00 0101
56, 253
WDTCON
—
—
—
—
—
—
—SWDTEN
--- ---0
56, 270
RCON
IPEN
SBOREN(1)
—RI
TO
PD
POR
BOR
0q-1 11q0 48, 54, 108
TMR1H
Timer1 Register High Byte
xxxx xxxx
56, 137
TMR1L
Timer1 Register Low Byte
xxxx xxxx
56, 137
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
56, 133
TMR2
Timer2 Register
0000 0000
56, 140
PR2
Timer2 Period Register
1111 1111
56, 140
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
56, 139
SSPBUF
MSSP Receive Buffer/Transmit Register
xxxx xxxx
56, 175,
176
SSPADD
MSSP Address Register in I2C™ Slave mode. MSSP Baud Rate Reload Register in I2C Master mode.
0000 0000
56, 176
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
56, 168,
177
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
56, 169,
178
SSPCON2
GCEN
ACKSTAT
ACKDT/
ADMSK5
ACKEN/
ADMSK4
RCEN/
ADMSK3
PEN/
ADMSK2
RSEN/
ADMSK1
SEN
0000 0000
56, 179
ADRESH
A/D Result Register High Byte
xxxx xxxx
57, 242
ADRESL
A/D Result Register Low Byte
xxxx xxxx
57, 242
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
57, 233
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
--00 0qqq
57, 234
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
57, 235
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
57, 146
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
57, 146
CCP1CON
P1M1(2)
P1M0(2)
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
57, 145,
153
CCPR2H
Capture/Compare/PWM Register 2 High Byte
xxxx xxxx
57, 146
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
xxxx xxxx
57, 146
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
57, 145
BAUDCON
ABDOVF
RCIDL
RXDTP
TXCKP
BRG16
—
WUE
ABDEN
0100 0-00
57, 214
ECCP1DEL
PRSEN
PDC6(2)
PDC5(2)
PDC4(2)
PDC3(2)
PDC2(2)
PDC1(2)
PDC0(2)
0000 0000
57, 162
ECCP1AS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1(2)
PSSBD0(2) 0000 0000
57, 163
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
57, 249
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0111
57, 243
TMR3H
Timer3 Register High Byte
xxxx xxxx
57, 143
TMR3L
Timer3 Register Low Byte
xxxx xxxx
57, 143
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
57, 141
TABLE 6-2:
REGISTER FILE SUMMARY (PIC18F2221/2321/4221/4321) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x = unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise, it is disabled and reads as ‘0’. See
Section 5.4 “Brown-out Reset (BOR)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
The PLLEN bit is only available in specific oscillator configurations; otherwise, it is disabled and reads as ‘0’. See Section 3.6.4 “PLL in
INTOSC Modes”.
4:
The RE3 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0); otherwise, RE3 reads as ‘0’. This bit is
read-only.
5:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
6:
Bit 7 and bit 6 are cleared by user software or by a POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com