Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4602BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 4 Page - Analog Devices

  ADF4602BCPZ Datasheet HTML 1Page - Analog Devices ADF4602BCPZ Datasheet HTML 2Page - Analog Devices ADF4602BCPZ Datasheet HTML 3Page - Analog Devices ADF4602BCPZ Datasheet HTML 4Page - Analog Devices ADF4602BCPZ Datasheet HTML 5Page - Analog Devices ADF4602BCPZ Datasheet HTML 6Page - Analog Devices ADF4602BCPZ Datasheet HTML 7Page - Analog Devices ADF4602BCPZ Datasheet HTML 8Page - Analog Devices ADF4602BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADF4602
Rev. 0 | Page 4 of 36
SPECIFICATIONS
VDD = 3.1 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical specifications are at VDD = 3.3 V and TA = 25°C,
26 MHz reference input level = 0.7 V p-p.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
REFERENCE SECTION
Reference Input
Reference Input Frequency
26
MHz
Reference Input Amplitude
0.1
0.7
2.0
V p-p
Single-ended operation, dc-coupled1
REFCLK Output (26 MHz)
Output Load Capacitance
10
40
pF
Output Swing
1.5
V p-p
10 pF load
Output Slew Rate
200
V/μs
10 pF load
Output Duty Cycle Variation
2
%
Input duty cycle = 50%
CHIPCLK Output (19.2 MHz)
Output Load Capacitance
10
40
pF
Frequency Multiplication Ratio
48/65
48/65
N/A
Output Swing
1.5
V p-p
10 pF load
Output Duty Cycle Variation
2
%
Input duty cycle = 50%
Output Jitter
36
ps rms
Lock Time
50
μs
TRANSMIT SECTION
I/Q Input
Input Resistance
100
kΩ
Single-ended
Input Capacitance
2
pF
Single-ended
Differential Peak Input Voltage
500
550
mV pd
Input Common-Mode Voltage
1.05
1.2
1.4
V
Baseband Filter 3 dB Bandwidth
4.0
MHz
TX Gain Control
Maximum Gain
5
dB
1 V p-p differential baseband input
Gain Control Range
60
dB
Gain Control Resolution
1/32
dB
Average of LSB steps
Gain Control Accuracy
1.0
dB
Any 1 dB step
10
dB
Any 10 dB step
Gain Settling Time
1
μs
POUT within 0.1 dB of final value
RF Specifications (High Band)
Carrier Frequency
1710
2170
MHz
Output Impedance
50
Ω
Output Power (POUT)
−8
dBm
TM1 signal 64 DPCH
Output Noise Spectral Density
−155
dBc/Hz
40 MHz offset
−161
dBc/Hz
80 MHz offset
−161
dBc/Hz
95 MHz offset
−163
dBc/Hz
190 MHz offset
Carrier Leakage
−35
dBc
POUT = −8 dBm
FDD EVM
5
%
POUT = −8 dBm
FDD ACLR
55
dB
±5 MHz, POUT = −8 dBm
70
dB
±10 MHz, POUT = −8 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com