Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4602BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 8Page - Analog Devices ADF4602BCPZ Datasheet HTML 9Page - Analog Devices ADF4602BCPZ Datasheet HTML 10Page - Analog Devices ADF4602BCPZ Datasheet HTML 11Page - Analog Devices ADF4602BCPZ Datasheet HTML 12Page - Analog Devices ADF4602BCPZ Datasheet HTML 13Page - Analog Devices ADF4602BCPZ Datasheet HTML 14Page - Analog Devices ADF4602BCPZ Datasheet HTML 15Page - Analog Devices ADF4602BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADF4602
Rev. 0 | Page 12 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
CPICHSlot
0
SR
15 ksps
Chan Code
0
Chan Slot
0
B
LN
LN
CF
881.5 MHz
Result Summary
dB
CF
881.5 MHz
Code Pwr Relative
Code Pwr Relative
CPICH Slot
0
CPICH Slot
0
SR
15 ksps
Chan Code
0
Chan Code
0
Chan Slot
0
Chan Slot
0
2
2
A
LN
Ref Lvl
Ref Lvl
6 dBm
Ref Lvl
Ref Lvl
6 dBm
START: CH 0
STOP: CH 511
64 CH/DIV
Ref Lvl
Ref Lvl
6 dBm
Ref Lvl
Ref Lvl
6 dBm
-63
-56
-49
-42
-35
-28
-21
-7
-70
0
RESULT SUMMARY
GLOBAL RESULTS
³
Total PWR
-4.57 dBm
³
Carr Freq Err
-92.42 Hz
Chip Rate Err
1.04 ppm
³
Trg to Frame
22.62 æs
IQ Offset
0.79 %
³
IQ Imbalance
0.36 %
Composite EVM
2.04 % rms
³
Pk Code Dom Err
-49.96 dB rms
CPICH Slot Number
0
³
( 15 ksps)
CHANNEL RESULTS
³
Symb Rate
15 ksps
³
Timing Offset
0 Chips
Channel Code
0
³
Chan Slot Number
0
Modulation Type
QPSK
³
No. of Pilot Bits
0
Chan Pow rel.
0.00 dB
³
Chan Pow abs.
-14.60 dBm
Symbol EVM
0.74 % rms
³
Symbol EVM
1.21 % Pk
↓
Figure 5. UMTS Band 5 Transmit EVM, Test Model 1, 64 DPCH, 2% EVM
A
B
3DB
Ref
3.90
dBm
Ref
3.90
dBm
Ref
3.90
dBm
Att*
0dB
Att*
0dB
Code Power Relative
CF 2.1399994 GH
CPICH Slot
0
Chan Code
0
3DB
1
VIEW
Chan Slot
0
Ref
3.90
dBm
Ref
3.90
dBm
Ref
3.90
dBm
1
CLRWR
Result Summary
CF 2.1399994 GH
CPICH Slot
0
Chan Code
5
Chan Slot
0
Att*
0dB
Att*
0dB
Start Ch 0
64 Ch/
Stop Ch 511
SR 240 ksps
SR 240 ksps
-63
-56
-49
-42
-35
-28
-21
-14
-7
GLOBAL RESULTS FOR FRAME
0:
Total Power
Chip Rate Error
IQ Offset
Composite EVM
CPICH Slot No
-8.03
0.95
1.83
2.54
0
dBm
ppm
%
%
Carrier Freq Error
Trigger to Frame
IQ Imbalance
Pk CDE (15 ksps)
No of Active Chan
65.98
9.642977
0.23
-50.12
44
Hz
ms
%
dB
CHANNEL RESULTS
Symbol Rate
Channel Code
No of Pilot Bits
Channel Power Rel
Symbol EVM
240.00
5
0
-0.04
2.43
ksps
dB
%rm s
Timing Offset
Channel Slot No
Modulation Type
Channel Power Abs
Symbol EVM
RHO
0
0
16QAM
-19.05
7.02
0.99936
Chips
dBm
%Pk
GLOBAL RESULTS FOR FRAME
0:
Total Power
Chip Rate Error
IQ Offset
Composite EVM
CPICH Slot No
-8.03
0.95
1.83
2.54
0
dBm
ppm
%
%
Carrier Freq Error
Trigger to Frame
IQ Imbalance
Pk CDE (15 ksps)
No of Active Chan
65.98
9.642977
0.23
-50.12
44
Hz
ms
%
dB
CHANNEL RESULTS
Symbol Rate
Channel Code
No of Pilot Bits
Channel Power Rel
Symbol EVM
240.00
5
0
-0.04
2.43
ksps
dB
%rm s
Timing Offset
Channel Slot No
Modulation Type
Channel Power Abs
Symbol EVM
RHO
0
0
16QAM
-19.05
7.02
0.99936
Chips
dBm
%Pk
GLOBAL RESULTS FOR FRAME
0:
Total Power
Chip Rate Error
IQ Offset
Composite EVM
CPICH Slot No
-8.03
0.95
1.83
2.54
0
dBm
ppm
%
%
Carrier Freq Error
Trigger to Frame
IQ Imbalance
Pk CDE (15 ksps)
No of Active Chan
65.98
9.642977
0.23
-50.12
44
Hz
ms
%
dB
CHANNEL RESULTS
Symbol Rate
Channel Code
No of Pilot Bits
Channel Power Rel
Symbol EVM
240.00
5
0
-0.04
2.43
ksps
dB
%rm s
Timing Offset
Channel Slot No
Modulation Type
Channel Power Abs
Symbol EVM
RHO
0
0
16QAM
-19.05
7.02
0.99936
Chips
dBm
%Pk
Figure 6. UMTS Band 1 Transmit EVM, Test Model 5, 2.5% EVM
20
18
16
14
12
10
8
6
4
2
0
–35
–30
–25
–20
–15
–10
–5
0
5
TXPWR_SET (dBm)
DUT 1
DUT 4
DUT 6
DUT 8
DUT 10
DUT 2
DUT 5
DUT 7
DUT 9
DUT 3
30dB DYNAMIC RANGE <6% EVM
Figure 7.Transmit EVM vs. TXPWR_SET (dBm), Measured Across 10 DUTS,
Four Calibration Points Applied
–30
–35
–40
–45
–50
–55
–60
–65
–70
–14
–12
–10
–8
–6
–4
OUTPUT POWER (dBm/3.84MHz)
+5MHz
–5MHz
+10MHz
–10MHz
Figure 8. TXHBRF Transmit ACLR vs. Output Power, Test Model 1 Signal,
10.54 dB PAR, 217 MHz
–30
–35
–40
–45
–50
–55
–60
–65
–70
–25
–20
–15
–10
–5
0
OUTPUT POWER (dBm/3.84MHz)
+5MHz
–5MHz
+10MHz
–10MHz
Figure 9. TXLBRF Transmit ACLR vs. Output Power, Test Model 1 Signal,
10.54 dB PAR, 881 MHz
REF –12.7dBm
*ATT 0dB
*RBW 30kHz
*VBW 300kHz
*SWT 100ms
CENTER 2.14GHz
2.55MHz/DIV
SPAN 25.5MHz
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
POS –12.698dBm
CH PWR
ACP LOW
ACP UP
ALT1 LOW
ALT1 UP
–8.08dBm
–57.05dBm
–57.09dBm
–70.92dBm
–71.41dBm
Figure 10. TXHBR Transmit ACLR, 2140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com