Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4602BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 2Page - Analog Devices ADF4602BCPZ Datasheet HTML 3Page - Analog Devices ADF4602BCPZ Datasheet HTML 4Page - Analog Devices ADF4602BCPZ Datasheet HTML 5Page - Analog Devices ADF4602BCPZ Datasheet HTML 6Page - Analog Devices ADF4602BCPZ Datasheet HTML 7Page - Analog Devices ADF4602BCPZ Datasheet HTML 8Page - Analog Devices ADF4602BCPZ Datasheet HTML 9Page - Analog Devices ADF4602BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADF4602
Rev. 0 | Page 6 of 36
Parameter
Min
Typ
Max
Unit
Test Conditions
RF Specifications (Low Band)
Input Frequency
824
960
MHz
Input Impedance
50
Ω
Input Return Loss
−20
dB
Noise Figure
4.0
dB
80 dB gain, TX power of −8 dBm
Maximum Input Power3
−20
dBm
Maximum LNA gain
−2
dBm
Minimum LNA gain
Input IP3
2
dBm
±10 MHz and ±20 MHz offset, 59 dB gain
5
dBm
45 MHz and 90 MHz offset, 59 dB gain
Input IP2
40
dBm
45 MHz offset
EVM
7
%
−60 dBm input
Synthesizer Section
Channel Resolution
50
kHz
Lock Time3
200
μs
DAC/GPO CONTROL
DAC1
Resolution
5
bits
Output Range
2.3
3.15
V
VDD > 3.15 V
Absolute Accuracy
±50
mV
Any code, VDD > 3.2 V
Output LSB Step
25
mV
Output Capacitive Load
1
nF
Output Current
−10
+10
mA
Output Impedance
1
Ω
DAC2
Resolution
6
bits
Output Range
0
2.85
V
DNL
±0.5
LSB
No load
INL
±1.0
LSB
No load
Output Capacitive Load
1
nF
Output Current
−5
+5
mA
Output Impedance
5
Ω
GPO1 to GPO4
Output Current
2
mA
GPO1, GPO2, GPO3
10
mA
GPO4
Output High Voltage
2.6
V
Maximum output current
Output Low Voltage
0.2
V
Maximum output current
Switching Time
1
μs
5 pF load
LOGIC INPUTS
Input High Voltage, VINH
1.2
2.1
V
1.8 V readback mode4
Input High Voltage, VINH
1.2
3.3
V
2.8 V readback mode4
Input Low Voltage, VINL
0.6
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS (SDATA)
Output High Voltage, VOH
VX − 0.45
V
VX = VINT or VSUP8, IOH = 500 μA
Output Low Voltage, VOL
0.45
V
IOL = 500 μA
CLKOUT Rise/Fall
5
ns
CLKOUT Load
10
pF
TEMPERATURE RANGE (TA)
0
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com