Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4602BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 4Page - Analog Devices ADF4602BCPZ Datasheet HTML 5Page - Analog Devices ADF4602BCPZ Datasheet HTML 6Page - Analog Devices ADF4602BCPZ Datasheet HTML 7Page - Analog Devices ADF4602BCPZ Datasheet HTML 8Page - Analog Devices ADF4602BCPZ Datasheet HTML 9Page - Analog Devices ADF4602BCPZ Datasheet HTML 10Page - Analog Devices ADF4602BCPZ Datasheet HTML 11Page - Analog Devices ADF4602BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADF4602
Rev. 0 | Page 8 of 36
TIMING CHARACTERISTICS
VDD = 3.1 V to 3.6 V, VGND = 0 V, TA = 25°C, unless otherwise noted. Guaranteed by design but not production tested.
Table 2.
Parameter
Limit at TMIN to TMAX
Unit
Test Conditions/Comments
t1
62
ns min
SEN high to write time
t2
10
ns min
SEN to SCLK setup time
t3
10
ns min
SDATA to SCLK setup time
t4
10
ns min
SDATA to SCLK hold time
t5
31
ns min
SCLK high duration
t6
31
ns min
SCLK low duration
t7
10
ns min
SEN to SCLK hold time
t8
20
ns max
SEN to SDATA valid delay
t9
20
ns max
SCLK to SDATA valid delay
t10
20
ns max
SEN to SDATA disabled delay
W[25]
W[24]
W[1]
SCLK
SDATA
SEN
W[0]
WRITE
t3
t2
t7
t1
t4
t6
t5
Figure 2. Serial Interface Write Diagram
Q[25]
Q[24]
Q[1]
SCLK
SDATA
SEN
Q[0]
R[25]
R[24]
R[1]
R[0]
3or more
SYSCLK periods
DBB releases
RSDATA
selected device
drives RSDATA
READ
READ REQUEST
t8
t10
t9
3 OR MORE
SCLK PERIODS
HOST RELEASES
SDATA
ADF4602
DRIVES SDATA
Figure 3. Serial Interface Read/Write Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com