Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4602BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 6Page - Analog Devices ADF4602BCPZ Datasheet HTML 7Page - Analog Devices ADF4602BCPZ Datasheet HTML 8Page - Analog Devices ADF4602BCPZ Datasheet HTML 9Page - Analog Devices ADF4602BCPZ Datasheet HTML 10Page - Analog Devices ADF4602BCPZ Datasheet HTML 11Page - Analog Devices ADF4602BCPZ Datasheet HTML 12Page - Analog Devices ADF4602BCPZ Datasheet HTML 13Page - Analog Devices ADF4602BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADF4602
Rev. 0 | Page 10 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE CONNECTED TO GROUND
FOR CORRECT CHIP OPERATION. IT PROVIDES BOTH A
THERMAL AND ELECTRICAL CONNECTION TO THE PCB.
1
GPO3
2
VSUP1
3
VSUP3
4
RXLBRF
5
NC
6
RXHB2RF
7
RXHB1RF
8
RXBBI
9
RXBBIB
10
RXBBQ
23 TXBBQB
24 TXLBRF
25 TXRFGND
26 TXHBRF
27 TXRFGND
28 VSUP5
29 DAC2
30 DAC1
22 TXBBQ
21 VSUP4
ADF4602
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
GPO3
General Purpose Output 3. Digital output. This is used for external switch or PA control.
2
VSUP11
Output from LDO 1. Supply for receive VCO. Nominal value of 2.6 V. 100 nF decoupling to ground is required.
3
VSUP31
Output from LDO 3. Supply for receive LNA. Nominal value of 1.9 V. 100 nF decoupling to ground is required.
4
RXLBRF
Receive Low Band LNA Input.
5
NC
No Connect. Do not connect to this pin.
6
RXHB2RF
Receive Second High Band LNA Input. Should be used for Band 2.
7
RXHB1RF
Receive First High Band LNA Input. Should be used for Band 1.
8
RXBBI
Receive Baseband I Output.
9
RXBBIB
Complementary Receive Baseband I Output.
10
RXBBQ
Receive Baseband Q Output.
11
RXBBQB
Complementary Receive Baseband Q Output.
12
VSUP21
Output from LDO 2. Supply for receive downconverter and baseband. Nominal value of 2.8 V. 100 nF
decoupling to ground is required.
13
VINT
Serial Port Supply Input. 1.8 V should be applied to this pin.
14
SDATA
Serial Port Data Pin. This can be an input or output.
15
SCLK
Serial Clock Input.
16
SEN
Serial Port Enable Input.
17
NC
No Connect. Do not connect to this pin.
18
VSUP71
Transmit Synthesizer Supply Input. Connect to VSUP3 and decouple with 100 nF to ground.
19
TXBBI
Transmit Baseband I Input.
20
TXBBIB
Complementary TX Baseband I Input.
21
VSUP41
Output from LDO4. Supply for transmit VCO. Nominal value of 2.8 V. 100 nF decoupling to GND is required.
22
TXBBQ
Transmit Baseband Q Input.
23
TXBBQB
Complementary TX Baseband Q Input.
24
TXLBRF
Low Band Transmit RF Output. This can output in the range of 824 MHz to 960 MHz.
25
TXRFGND
Transmit RF Ground. Connect this pin to ground.
26
TXHBRF
High Band Transmit RF Output. This can output in the range of 1710 MHz to 2170 MHz.
27
TXRFGND
Transmit RF Ground. Connect this pin to ground.
28
VSUP51
Output from LDO 5. Supply for transmit modulator, baseband, power detector, and DACs. Nominal value of
2.8 V. 100 nF decoupling to ground is required.
29
DAC2
Output from DAC2.
30
DAC1
Output from DAC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com