Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4640i Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 19Page - SMSC Corporation USB4640i Datasheet HTML 20Page - SMSC Corporation USB4640i Datasheet HTML 21Page - SMSC Corporation USB4640i Datasheet HTML 22Page - SMSC Corporation USB4640i Datasheet HTML 23Page - SMSC Corporation USB4640i Datasheet HTML 24Page - SMSC Corporation USB4640i Datasheet HTML 25Page - SMSC Corporation USB4640i Datasheet HTML 26Page - SMSC Corporation USB4640i Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
23
Revision 1.0 (06-09-09)
DATASHEET
Port Power control using a Poly Fuse
When using the USB4640/USB4640i with a poly fuse, an external diode must be used (See
Figure 6.2). When disabling port power, the USB4640/USB4640i will drive a '0'. This procedure will
have no effect since the external diode will isolate the pin from the load. When port power is enabled,
the USB4640/USB4640i output driver is disabled, and the pull-up resistor is enabled which creates an
open drain output. This open drain output condition means that the pull-up resistor is providing 3.3
volts to the anode of the diode. If there is an over-current situation, the poly fuse will open. This will
cause the cathode of the diode to go to zero volts. The anode of the diode will be at 0.7 volts, and
the Schmitt trigger input will register this as a low resulting in an over-current detection. The open drain
output does not interfere.
Figure 6.2 Port Power Control with a Single Poly Fuse and Multiple Loads
When using a single poly fuse to power all devices, note that for the ganged situation, all power control
pins must be tied together.
Figure 6.3 Port Power with Ganged Control with Poly Fuse
USB4640/40i
USB
Device
5 V
PRTCTL3
USB
Device
5V
PRTCTL2
USB
Device
Poly Fuse
5 V
USB
Device
PRTCTL2
PRTCTL3
USB4640/40i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com