Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4640i Datasheet(PDF) 57 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 57 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 53Page - SMSC Corporation USB4640i Datasheet HTML 54Page - SMSC Corporation USB4640i Datasheet HTML 55Page - SMSC Corporation USB4640i Datasheet HTML 56Page - SMSC Corporation USB4640i Datasheet HTML 57Page - SMSC Corporation USB4640i Datasheet HTML 58Page - SMSC Corporation USB4640i Datasheet HTML 59Page - SMSC Corporation USB4640i Datasheet HTML 60Page - SMSC Corporation USB4640i Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
57
Revision 1.0 (06-09-09)
DATASHEET
ICLK Input Buffer
Low Input Level
High Input Level
Input Leakage
VILCK
VIHCK
IIL
1.4
-10
0.5
+10
V
V
μA
VIN = 0 to VDD33
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
μA
μA
VIN = 0
VIN = VDD33
I/O6, I/OD6PU Type Buffers
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
- 0.4
-10
72
58
0.4
+10
V
V
µA
μA
μA
IOL = 6 mA @
VDD33 = 3.3 V
IOH = -6 mA @
VDD33 = 3.3 V
VIN = 0 to VDD33
(Note 10.1)
O8, O8PD, 08PU, I/O8, I/O8PD, and
I/O8PU Type Buffers
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
- 0.4
-10
72
58
0.4
+10
V
V
µA
μA
μA
IOL = 8 mA @
VDD33 = 3.3 V
IOH = -8 mA @
VDD33 = 3.3 V
VIN = 0 to VDD33
(Note 10.1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com