| Electronic Components Datasheet Search |
|
USB4640i Datasheet(PDF) 28 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB4640i Datasheet(HTML) 28 Page - SMSC Corporation |
|
28 / 64 page ![]() High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller Datasheet Revision 1.0 (06-09-09) 28 SMSC USB4640/USB4640i DATASHEET Chapter 8 Configuration Options 8.1 Hub SMSC’s USB 2.0 hub is fully compliant to the Universal Serial Bus Specification available from the USB Implementer’s Forum found at http://www.usb.org (Revision 2.0 April 27, 2000 and the 12/7/2000 and 5/28/2002 Errata). Please reference Chapter 11 (Hub Specification) for general details regarding hub operation and functionality. For performance reasons, the hub provides 1 transaction translator (TT) that is shared by both downstream ports defined as a single-TT configuration. The TT contains 4 non-periodic buffers. 8.1.1 Hub Configuration Options The SMSC hub supports a large number of features (some are mutually exclusive), and must be configured in order to correctly function when attached to a USB host controller. There are two principal ways to configure the hub: via the internal default settings or by settings stored in an external EEPROM or SPI Flash device. 8.1.1.1 Power Switching Polarity The hub will only support active high power controllers. 8.2 Card Reader The SMSC USB4640/USB4640i is fully compliant with the following flash media card reader specifications: Secure Digital 2.0 / MultiMediaCard 4.2 -SD 2.0, HS-SD, HC-SD -TransFlash™ and reduced form factor media -1/4/8 bit MMC 4.2 Memory Stick 1.43 Memory Stick Pro Format 1.02 Memory Stick Pro-HG Duo Format 1.01 -Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro Memory Stick Duo 1.10 xD-Picture Card 1.2 8.3 System Configurations 8.3.1 EEPROM/SPI Interface The USB4640/USB4640i can be configured via a 2-wire (I2C) EEPROM (512x8) or an external SPI flash device containing the firmware for the USB4640/USB4640i. If an external configuration device does not exist the internal default values will be used. If one of the external devices is used for configuration, the OEM can update the values through the USB interface. The hub will then “attach” to the upstream USB host. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |