Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4640i Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 5Page - SMSC Corporation USB4640i Datasheet HTML 6Page - SMSC Corporation USB4640i Datasheet HTML 7Page - SMSC Corporation USB4640i Datasheet HTML 8Page - SMSC Corporation USB4640i Datasheet HTML 9Page - SMSC Corporation USB4640i Datasheet HTML 10Page - SMSC Corporation USB4640i Datasheet HTML 11Page - SMSC Corporation USB4640i Datasheet HTML 12Page - SMSC Corporation USB4640i Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
9
Revision 1.0 (06-09-09)
DATASHEET
OEM Selectable Hub Features
A default configuration is available in the USB4640/USB4640i following a reset. The
USB4640/USB4640i may also be configured by an external I2C EEPROM or via external SPI ROM
flash.
Compound Device support on a port-by-port basis
- a port is permanently hardwired to a downstream USB peripheral device
Select over-current sensing and port power control on an individual or ganged (all ports together)
basis to match the OEM’s choice of circuit board component selection
Port power control and over-current detection/delay features
Configure the delay time for filtering the over-current sense inputs
Configure the delay time for turning on downstream port power
Bus- or self-powered selection
Hub port disable or non-removable configurations
Flexible port mapping and disable sequencing supports multiple platform designs
Programmable USB differential-pair pin location eases PCB layout by aligning USB signal lines
directly to connectors
Programmable USB signal drive strength recovers USB signal integrity using 4 levels of signal drive
strength
Indicate the maximum current that the 2-port hub consumes
Indicate the maximum current required for the hub controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com