Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4640i Datasheet(PDF) 40 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 40 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 36Page - SMSC Corporation USB4640i Datasheet HTML 37Page - SMSC Corporation USB4640i Datasheet HTML 38Page - SMSC Corporation USB4640i Datasheet HTML 39Page - SMSC Corporation USB4640i Datasheet HTML 40Page - SMSC Corporation USB4640i Datasheet HTML 41Page - SMSC Corporation USB4640i Datasheet HTML 42Page - SMSC Corporation USB4640i Datasheet HTML 43Page - SMSC Corporation USB4640i Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
40
SMSC USB4640/USB4640i
DATASHEET
8.4.3.7
D3h: Dynamic Number of LUNs
8.4.3.8
D4h-D7h: Device to LUN Mapping
8.4.3.9
D8h-DDh: Reserved
8.4.4
Hub Controller Configurations
8.4.4.1
DEh: Vendor ID (LSB)
8.4.4.2
DFh: Vendor ID (MSB)
BIT
NAME
DESCRIPTION
7:0
DYN_NUM_LUN
These bytes are used to specify the number of LUNs the device exposes to
the host. These bytes are also used for icon sharing by assigning more than
one LUN to a single icon. This is used in applications where the device
utilizes a combo socket and the OEM wishes to have only a single icon
displayed for one or more interfaces.
If this field is set to "FF", the program assumes that you are using the default
value and icons will be configured per the default configuration.
BYTE
NAME
DESCRIPTION
3:0
DEV_LUN_MAP
These registers map a device controller (SD/MMC, SM (Note 8.2), and MS)
to a Logical Unit Number (LUN). The device reports the mapped LUNs to
the USB host in the USB descriptor during enumeration. The icon installer
associates custom icons with the LUNs specified in these fields.
Setting a register to "FF" indicates that the device is not mapped. Setting all
of the DEV_LUN_MAP registers for all devices to "FF" forces the use of the
default mapping configuration. Not all configurations are valid. Valid
configurations depend on the hardware, packaging, and OEM board layout.
The number of unique LUNs mapped must match the value in the Section
8.4.3.7, "D3h: Dynamic Number of LUNs," on page 40.
BYTE
NAME
DESCRIPTION
2:0
Reserved
Reserved.
BIT
BYTE NAME
DESCRIPTION
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the vendor of the user device (assigned by USB Implementer’s
Forum).
BIT
BYTE NAME
DESCRIPTION
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the vendor of the user device (assigned by USB Implementer’s
Forum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com