Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB642D Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 3Page - ATMEL Corporation AT45DB642D Datasheet HTML 4Page - ATMEL Corporation AT45DB642D Datasheet HTML 5Page - ATMEL Corporation AT45DB642D Datasheet HTML 6Page - ATMEL Corporation AT45DB642D Datasheet HTML 7Page - ATMEL Corporation AT45DB642D Datasheet HTML 8Page - ATMEL Corporation AT45DB642D Datasheet HTML 9Page - ATMEL Corporation AT45DB642D Datasheet HTML 10Page - ATMEL Corporation AT45DB642D Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
7
3542K–DFLASH–04/09
AT45DB642D
The CS pin must remain low during the loading of the opcode, the address bytes, the don’t care
bytes, and the reading of data. When the end of a page in main memory is reached during a
Continuous Array Read, the device will continue reading at the beginning of the next page with
no delays incurred during the page boundary crossover (the crossover from the end of one page
to the beginning of the next page). When the last bit (or byte if using the 8-bit interface mode) in
the main memory array has been read, the device will continue reading back at the beginning of
the first page of memory. As with crossing over page boundaries, no delays will be incurred
when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output
pins (SO or I/O7-I/O0). The maximum SCK/CLK frequency allowable for the Continuous Array
Read is defined by the fCAR1 specification. The Continuous Array Read bypasses both data buf-
fers and leaves the contents of the buffers unchanged.
6.2
Continuous Array Read (High Frequency Mode: 0BH): Up to 66 MHz
This command can be used with the serial interface to read the main memory array sequentially
in high speed mode for any clock frequency up to the maximum specified by fCAR1. To perform a
continuous read array with the page size set to 1056 bytes, the CS must first be asserted then
an opcode 0BH must be clocked into the device followed by three address bytes and a dummy
byte. The first 13 bits (PA12 - PA0) of the 24-bit address sequence specify which page of the
main memory array to read, and the last 11 bits (BA10 - BA0) of the 24-bit address sequence
specify the starting byte address within the page. To perform a continuous read with the page
size set to 1024 bytes, the opcode, 0BH, must be clocked into the device followed by three
address bytes (A22 - A0) and a dummy byte. Following the dummy byte, additional clock pulses
on the SCK pin will result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the read-
ing of data. When the end of a page in the main memory is reached during a Continuous Array
Read, the device will continue reading at the beginning of the next page with no delays incurred
during the page boundary crossover (the crossover from the end of one page to the beginning of
the next page). When the last bit in the main memory array has been read, the device will con-
tinue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the
beginning of the array. A low-to-high transition on the CS pin will terminate the read operation
and tri-state the output pin (SO). The maximum SCK frequency allowable for the Continuous
Array Read is defined by the fCAR1 specification. The Continuous Array Read bypasses both
data buffers and leaves the contents of the buffers unchanged.
6.3
Continuous Array Read (Low Frequency Mode: 03H): Up to 33 MHz
This command can be used with the serial interface to read the main memory array sequentially
without a dummy byte up to maximum frequencies specified by fCAR2. To perform a continuous
read array with the page size set to 1056 bytes, the CS must first be asserted then an opcode,
03H, must be clocked into the device followed by three address bytes (which comprise the 24-bit
page and byte address sequence). The first 13 bits (PA12 - PA0) of the 24-bit address sequence
specify which page of the main memory array to read, and the last 11 bits (BA10 - BA0) of the
24-bit address sequence specify the starting byte address within the page. To perform a contin-
uous read with the page size set to 1024 bytes, the opcode, 03H, must be clocked into the
device followed by three address bytes (A22 - A0). Following the address bytes, additional clock
pulses on the SCK pin will result in data being output on the SO (serial output) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com