Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB642D Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 2Page - ATMEL Corporation AT45DB642D Datasheet HTML 3Page - ATMEL Corporation AT45DB642D Datasheet HTML 4Page - ATMEL Corporation AT45DB642D Datasheet HTML 5Page - ATMEL Corporation AT45DB642D Datasheet HTML 6Page - ATMEL Corporation AT45DB642D Datasheet HTML 7Page - ATMEL Corporation AT45DB642D Datasheet HTML 8Page - ATMEL Corporation AT45DB642D Datasheet HTML 9Page - ATMEL Corporation AT45DB642D Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
6
3542K–DFLASH–04/09
AT45DB642D
5. Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions
and their associated opcodes are contained in Table 15-1 on page 28 through Table 15-6 on
page 31. A valid instruction starts with the falling edge of CS followed by the appropriate 8-bit
opcode and the desired buffer or main memory address location. While the CS pin is low, tog-
gling the SCK/CLK pin controls the loading of the opcode and the desired buffer or main memory
address location through either the SI (serial input) pin or the 8-bit input pins (I/O7 - I/O0). All
instructions, addresses, and data are transferred with the most significant bit (MSB) first.
Buffer addressing for standard DataFlash page size (1056 bytes) is referenced in the datasheet
using the terminology BFA10 - BFA0 to denote the 11 address bits required to designate a byte
address within a buffer. Main memory addressing is referenced using the terminology PA12 -
PA0 and BA10 - BA0, where PA12 - PA0 denotes the 13 address bits required to designate a
page address and BA10 - BA0 denotes the 11 address bits required to designate a byte address
within the page.
For “Power of 2” binary page size (1024 bytes) the Buffer addressing is referenced in the
datasheet using the conventional terminology BFA9 - BFA0 to denote the 10 address bits
required to designate a byte address within a buffer. Main memory addressing is referenced
using the terminology A22 - A0.
6. Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from either
one of the two SRAM data buffers. The DataFlash supports RapidS and Rapid8 protocols for
Mode 0 and Mode 3. Please refer to the “Detailed Bit-level Read Timing” diagrams in this
datasheet for details on the clock cycle sequences for each mode.
6.1
Continuous Array Read (Legacy Command: E8H): Up to 66 MHz
By supplying an initial starting address for the main memory array, the Continuous Array Read
command can be utilized to sequentially read a continuous stream of data from the device by
simply providing a clock signal; no additional addressing information or control signals need to
be provided. The DataFlash incorporates an internal address counter that will automatically
increment on every clock cycle, allowing one continuous read operation without the need of
additional address sequences. To perform a continuous read from the standard DataFlash page
size (1056 bytes), an opcode of E8H must be clocked into the device followed by three address
bytes (which comprise the 24-bit page and byte address sequence) and a series of don’t care
bytes (4 bytes if using the serial interface or 19 bytes if using the 8-bit interface). The first 13 bits
(PA12 - PA0) of the 24-bit address sequence specify which page of the main memory array to
read, and the last 11 bits (BA10 - BA0) of the 24-bit address sequence specify the starting byte
address within the page. To perform a continuous read from the binary page size (1024 bytes),
the opcode (E8H) must be clocked into the device followed by three address bytes and a series
of don’t care bytes (4 bytes if using the serial interface, or 19 bytes if using the 8-bit interface).
The first 13 bits (A22 - A10) of the 24-bits sequence specify which page of the main memory
array to read, and the last 10 bits (A9 - A0) of the 24-bits address sequence specify the starting
byte address within the page. The don’t care bytes that follow the address bytes are needed to
initialize the read operation. Following the don’t care bytes, additional clock pulses on the
SCK/CLK pin will result in data being output on either the SO (serial output) pin or the eight out-
put pins (I/O7- I/O0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com