Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB642D Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 29Page - ATMEL Corporation AT45DB642D Datasheet HTML 30Page - ATMEL Corporation AT45DB642D Datasheet HTML 31Page - ATMEL Corporation AT45DB642D Datasheet HTML 32Page - ATMEL Corporation AT45DB642D Datasheet HTML 33Page - ATMEL Corporation AT45DB642D Datasheet HTML 34Page - ATMEL Corporation AT45DB642D Datasheet HTML 35Page - ATMEL Corporation AT45DB642D Datasheet HTML 36Page - ATMEL Corporation AT45DB642D Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
33
3542K–DFLASH–04/09
AT45DB642D
18. Electrical Specifications
Table 18-1.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. The "Absolute Maximum Rat-
ings" are stress ratings only and functional
operation of the device at these or any other con-
ditions beyond those indicated in the operational
sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for
extended periods may affect device reliability.
Voltage Extremes referenced in the "Absolute
Maximum Ratings" are intended to accommo-
date short duration undershoot/overshoot condi-
tions and does not imply or guarantee functional
device operation at these levels for any extended
period of time
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages (except VCC but including NC pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
Table 18-2.
DC and AC Operating Range
AT45DB642D
Operating Temperature (Case)
Ind.
-40
°C to 85°C
VCC Power Supply
2.7V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com