Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB642D Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 26Page - ATMEL Corporation AT45DB642D Datasheet HTML 27Page - ATMEL Corporation AT45DB642D Datasheet HTML 28Page - ATMEL Corporation AT45DB642D Datasheet HTML 29Page - ATMEL Corporation AT45DB642D Datasheet HTML 30Page - ATMEL Corporation AT45DB642D Datasheet HTML 31Page - ATMEL Corporation AT45DB642D Datasheet HTML 32Page - ATMEL Corporation AT45DB642D Datasheet HTML 33Page - ATMEL Corporation AT45DB642D Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
30
3542K–DFLASH–04/09
AT45DB642D
Notes: x = Don’t Care
A = Address Bit
*The number with (*) is for 8-bit interface.
Table 15-5.
Detailed Bit-level Addressing Sequence for Binary Page Size (1024 Bytes)
Page Size = 1024 bytes
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes*
Opcode
Opcode
03h
000
0001
1
x
AAAA AAA
AAAA AAAA
AAA AAAA A
N/A
0Bh
000
0101
1
x
AAAA AAA
AAAA AAAA
AAA AAAA A
1
50h
010
1000
0
x
AAAA AAA
AAAx
xxxx
xxx
xxxx
x
N/A
53h
010
1001
1
x
AAAA AAA
AAAA AAx
x
x
x
x
xxxx
x
N/A
54h
010
1010
0
x
xxxx
xxx
xxxx
xxA A
A A A AAAA A
2*
55h
010
1010
1
x
AAAA AAA
AAAA AAx
x
x
x
x
xxxx
x
N/A
56h
010
1011
0
x
xxxx
xxx
xxxx
xxA A
A A A AAAA A
2*
58h
010
1100
0
x
AAAA AAA
AAAA AAx
x
x
x
x
xxxx
x
N/A
59h
010
1100
1
x
AAAA AAA
AAAA AAx
x
x
x
x
xxxx
x
N/A
60h
011
0000
0
x
AAAA AAA
AAAA AAx
x
x
x
x
xxxx
x
N/A
61h
011
0000
1
x
AAAA AAA
AAAA AAx
x
x
x
x
xxxx
x
N/A
77h
011
1011
1
x
xxxx
xxx
xxxx
xxxx
xxx
xxxx
x
0 or 4*
7Ch
011
1110
0
x
AAAA Ax
x
xxxx
xxxx
xxx
xxxx
x
N/A
81h
100
0000
1
x
AAAA AAA
AAAA AAx
X
x
x
x
xxxx
x
N/A
82h
100
0001
0
x
AAAA AAA
AAAA AAAA
AAA AAAA A
N/A
83h
100
0001
1
x
AAAA AAA
AAAA AAx
X
x
x
x
xxxx
x
N/A
84h
100
0010
0
x
xxxx
xxx
xxxx
xxA A
A A A AAAA A
N/A
85h
100
0010
1
x
AAAA AAA
AAAA AAAA
AAA AAAA A
N/A
86h
100
0011
0
x
AAAA AAA
AAAA AAx
x
x
x
x
xxxx
x
N/A
87h
100
0011
1
x
xxxx
xxx
xxxx
xxA A
A A A AAAA A
N/A
88h
100
0100
0
x
AAAA AAA
AAAA AAx
x
x
x
x
xxxx
x
N/A
89h
100
0100
1
x
AAAA AAA
AAAA AAx
x
x
x
x
xxxx
x
N/A
9Fh
100
1111
1
N/A
N/A
N/A
N/A
B9h
101
1100
1
N/A
N/A
N/A
N/A
ABh
101
0101
1
N/A
N/A
N/A
N/A
D1h
110
1000
1
x
xxxx
xxx
xxxx
xxA A
A A A AAAA A
N/A
D2h
110
1001
0
x
AAAA AAA
AAAA AAAA
AAA AAAA A
4 or 19*
D3h
110
1001
1
x
xxxx
xxx
xxxx
xxA A
A A A AAAA A
N/A
D4h
110
1010
0
x
xxxx
xxx
xxxx
xxA A
A A A AAAA A
1
D6h
110
1011
0
x
xxxx
xxx
xxxx
xxA A
A A A AAAA A
1
D7h
110
1011
1
N/A
N/A
N/A
2*
E8h
111
0100
0
x
AAAA AAA
AAAA AAAA
AAA AAAA A
4 or 19*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com