Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB642D Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB642D Datasheet HTML 1Page - ATMEL Corporation AT45DB642D Datasheet HTML 2Page - ATMEL Corporation AT45DB642D Datasheet HTML 3Page - ATMEL Corporation AT45DB642D Datasheet HTML 4Page - ATMEL Corporation AT45DB642D Datasheet HTML 5Page - ATMEL Corporation AT45DB642D Datasheet HTML 6Page - ATMEL Corporation AT45DB642D Datasheet HTML 7Page - ATMEL Corporation AT45DB642D Datasheet HTML 8Page - ATMEL Corporation AT45DB642D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Features
• Single 2.7V - 3.6V Supply
• Dual-interface Architecture
– RapidS Serial Interface: 66 MHz Maximum Clock Frequency
SPI Compatible Modes 0 and 3
– Rapid8 8-bit Interface: 50 MHz Maximum Clock Frequency
• User Configurable Page Size
– 1024 Bytes per Page
– 1056 Bytes per Page
– Page Size Can Be Factory Pre-configured for 1024 Bytes
• Page Program Operation
– Intelligent Programming Operation
– 8192 Pages (1024/1056 Bytes/Page) Main Memory
• Flexible Erase Options
– Page Erase (1 Kbyte)
– Block Erase (8 Kbytes)
– Sector Erase (256 Kbytes)
– Chip Erase (64 Mbits)
• Two SRAM Data Buffers (1024/1056 Bytes)
– Allows Receiving of Data while Reprogramming the Flash Array
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low-power Dissipation
– 10 mA Active Read Current Typical – Serial Interface
– 10 mA Active Read Current Typical – 8-bit Interface
– 25 µA Standby Current Typical
– 15 µA Deep Power Down Typical
• Hardware and Software Data Protection Features
– Individual Sector
• Permanent Sector Lockdown for Secure Code and Data Storage
– Individual Sector
• Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
• JEDEC Standard Manufacturer and Device ID Read
• 100,000 Program/Erase Cycles Per Page Minimum
• Data Retention – 20 Years
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options
• Temperature Range
– Industrial: -40
°C to +85°C
64-megabit
2.7-volt
Dual-interface
DataFlash®
AT45DB642D
3542K–DFLASH–04/09


Similar Part No. - AT45DB642D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB642D ATMEL-AT45DB642D Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB642D ATMEL-AT45DB642D Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB642D-CNU ATMEL-AT45DB642D-CNU Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB642D-CNU ATMEL-AT45DB642D-CNU Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
logo
List of Unclassifed Man...
AT45DB642D-CNU ETC2-AT45DB642D-CNU Datasheet
1Mb / 57P
64-megabit 2.7V Dual-interface DataFlash
More results

Similar Description - AT45DB642D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45CS1282 ATMEL-AT45CS1282 Datasheet
252Kb / 33P
128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
AT45DB642 ATMEL-AT45DB642 Datasheet
317Kb / 37P
64-megabit 2.7-volt Only Dual-interface DataFlash
AT45DB1282 ATMEL-AT45DB1282 Datasheet
281Kb / 35P
128-megabit 2.7-volt Dual-interface DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB642D ATMEL-AT45DB642D_06 Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
32-megabit 2.7-volt DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
2-megabit 2.7-volt DataFlash
AT45DB642D ATMEL-AT45DB642D_08 Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com