Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C3GA Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R8C3GA
Description  RENESAS MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3GA Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R8C3GA Datasheet HTML 42Page - Renesas Technology Corp R8C3GA Datasheet HTML 43Page - Renesas Technology Corp R8C3GA Datasheet HTML 44Page - Renesas Technology Corp R8C3GA Datasheet HTML 45Page - Renesas Technology Corp R8C3GA Datasheet HTML 46Page - Renesas Technology Corp R8C3GA Datasheet HTML 47Page - Renesas Technology Corp R8C3GA Datasheet HTML 48Page - Renesas Technology Corp R8C3GA Datasheet HTML 49Page - Renesas Technology Corp R8C3GA Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
R8C/3GA Group
5. Electrical Characteristics
REJ03B0235-0110 Rev.1.10 Sep. 10, 2009
Page 46 of 53
Table 5.24
Electrical Characteristics (4) [2.7 V
≤ VCC < 3.3 V]
(Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power supply current
(VCC = 2.7 to 3.3 V)
Single-chip mode,
output pins are open,
other pins are VSS
High-speed
clock mode
XIN = 10 MHz (square wave)
Low-speed on-chip oscillator on = 125 kHz
No division
−
3.5
10
mA
XIN = 10 MHz (square wave)
Low-speed on-chip oscillator on = 125 kHz
Divide-by-8
−
1.5
7.5
mA
Low-speed
on-chip
oscillator mode
XIN clock off
Low-speed on-chip oscillator on = 125 kHz
Divide-by-8, FMR27 = 1, VCA20 = 0
−
90
390
µA
Low-speed
clock mode
XIN clock off
Low-speed on-chip oscillator off
XCIN clock oscillator on = 32 kHz
No division
FMR27 = 1, VCA20 = 0
−
80
400
µA
XIN clock off
Low-speed on-chip oscillator off
XCIN clock oscillator on = 32 kHz
No division
Program operation on RAM
Flash memory off, FMSTP = 1, VCA20 = 0
−
40
−µA
Wait mode
XIN clock off
Low-speed on-chip oscillator on = 125 kHz
While a WAIT instruction is executed
Peripheral clock operation
VCA27 = VCA26 = VCA25 = 0, VCA20 = 1
−
15
90
µA
XIN clock off
Low-speed on-chip oscillator on = 125 kHz
While a WAIT instruction is executed
Peripheral clock off
VCA27 = VCA26 = VCA25 = 0, VCA20 = 1
−
480
µA
XIN clock off
Low-speed on-chip oscillator off
XCIN clock oscillator on = 32 kHz (peripheral clock off)
While a WAIT instruction is executed
VCA27 = VCA26 = VCA25 = 0, VCA20 = 1
−
3.5
−µA
Stop mode
XIN clock off, Topr = 25
°C
Low-speed on-chip oscillator off
CM10 = 1
Peripheral clock off
VCA27 = VCA26 = VCA25 = 0
−
2.0
5.0
µA
XIN clock off, Topr = 85
°C
Low-speed on-chip oscillator off
CM10 = 1
Peripheral clock off
VCA27 = VCA26 = VCA25 = 0
−
5.0
−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com