Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C3GA Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R8C3GA
Description  RENESAS MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3GA Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R8C3GA Datasheet HTML 14Page - Renesas Technology Corp R8C3GA Datasheet HTML 15Page - Renesas Technology Corp R8C3GA Datasheet HTML 16Page - Renesas Technology Corp R8C3GA Datasheet HTML 17Page - Renesas Technology Corp R8C3GA Datasheet HTML 18Page - Renesas Technology Corp R8C3GA Datasheet HTML 19Page - Renesas Technology Corp R8C3GA Datasheet HTML 20Page - Renesas Technology Corp R8C3GA Datasheet HTML 21Page - Renesas Technology Corp R8C3GA Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
R8C/3GA Group
4. Special Function Registers (SFRs)
REJ03B0235-0110 Rev.1.10 Sep. 10, 2009
Page 18 of 53
Table 4.5
SFR Information (5) (1)
Note:
1.
The blank areas are reserved and cannot be accessed by users.
Address
Register
Symbol
After Reset
0100h
Timer RA Control Register
TRACR
00h
0101h
Timer RA I/O Control Register
TRAIOC
00h
0102h
Timer RA Mode Register
TRAMR
00h
0103h
Timer RA Prescaler Register
TRAPRE
FFh
0104h
Timer RA Register
TRA
FFh
0105h
LIN Control Register 2
LINCR2
00h
0106h
LIN Control Register
LINCR
00h
0107h
LIN Status Register
LINST
00h
0108h
Timer RB Control Register
TRBCR
00h
0109h
Timer RB One-Shot Control Register
TRBOCR
00h
010Ah
Timer RB I/O Control Register
TRBIOC
00h
010Bh
Timer RB Mode Register
TRBMR
00h
010Ch
Timer RB Prescaler Register
TRBPRE
FFh
010Dh
Timer RB Secondary Register
TRBSC
FFh
010Eh
Timer RB Primary Register
TRBPR
FFh
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Second Data Register
TRESEC
00h
0119h
Timer RE Minute Data Register
TREMIN
00h
011Ah
Timer RE Hour Data Register
TREHR
00h
011Bh
Timer RE Day of Week Data Register
TREWK
00h
011Ch
Timer RE Control Register 1
TRECR1
00h
011Dh
Timer RE Control Register 2
TRECR2
00h
011Eh
Timer RE Count Source Select Register
TRECSR
00001000b
011Fh
0120h
Timer RC Mode Register
TRCMR
01001000b
0121h
Timer RC Control Register 1
TRCCR1
00h
0122h
Timer RC Interrupt Enable Register
TRCIER
01110000b
0123h
Timer RC Status Register
TRCSR
01110000b
0124h
Timer RC I/O Control Register 0
TRCIOR0
10001000b
0125h
Timer RC I/O Control Register 1
TRCIOR1
10001000b
0126h
Timer RC Counter
TRC
00h
0127h
00h
0128h
Timer RC General Register A
TRCGRA
FFh
0129h
FFh
012Ah
Timer RC General Register B
TRCGRB
FFh
012Bh
FFh
012Ch
Timer RC General Register C
TRCGRC
FFh
012Dh
FFh
012Eh
Timer RC General Register D
TRCGRD
FFh
012Fh
FFh
0130h
Timer RC Control Register 2
TRCCR2
00011000b
0131h
Timer RC Digital Filter Function Select Register
TRCDF
00h
0132h
Timer RC Output Master Enable Register
TRCOER
01111111b
0133h
Timer RC Trigger Control Register
TRCADCR
00h
0134h
0135h
0136h
0137h
0138h
0139h
013Ah
013Bh
013Ch
013Dh
013Eh
013Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com