Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C3GA Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R8C3GA
Description  RENESAS MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3GA Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R8C3GA Datasheet HTML 48Page - Renesas Technology Corp R8C3GA Datasheet HTML 49Page - Renesas Technology Corp R8C3GA Datasheet HTML 50Page - Renesas Technology Corp R8C3GA Datasheet HTML 51Page - Renesas Technology Corp R8C3GA Datasheet HTML 52Page - Renesas Technology Corp R8C3GA Datasheet HTML 53Page - Renesas Technology Corp R8C3GA Datasheet HTML 54Page - Renesas Technology Corp R8C3GA Datasheet HTML 55Page - Renesas Technology Corp R8C3GA Datasheet HTML 56Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
R8C/3GA Group
Package Dimensions
REJ03B0235-0110 Rev.1.10 Sep. 10, 2009
Page 53 of 53
Package Dimensions
Diagrams showing the latest package dimensions and mounting information are available in the “Packages” section of
the Renesas Technology website.
4.1
4.1
3.9
3.9
ZE
ZD
D2
E1
e
A1
D
E
A2
A
bp
x
y
Lp
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
0.05
0.5
0.15
0.2
0.25
00
0.05
0.8
0.05
4.0
4.0
0.75
0.20
0.30
0.75
0.75
0.40
2.0
2.0
Previous Code
JEITA Package Code
RENESAS Code
PWQN0024KC-A
24PJS-A
MASS[Typ.]
0.03g
P-HWQFN24-4x4-0.50
D
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
D2
Detail F
e
bp
*1
F
y
M
ZD
Lp
x
24
19
18
13
12
7
6
1
7
12
13
18
19
24
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com