Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C3GA Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R8C3GA
Description  RENESAS MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3GA Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R8C3GA Datasheet HTML 48Page - Renesas Technology Corp R8C3GA Datasheet HTML 49Page - Renesas Technology Corp R8C3GA Datasheet HTML 50Page - Renesas Technology Corp R8C3GA Datasheet HTML 51Page - Renesas Technology Corp R8C3GA Datasheet HTML 52Page - Renesas Technology Corp R8C3GA Datasheet HTML 53Page - Renesas Technology Corp R8C3GA Datasheet HTML 54Page - Renesas Technology Corp R8C3GA Datasheet HTML 55Page - Renesas Technology Corp R8C3GA Datasheet HTML 56Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
R8C/3GA Group
5. Electrical Characteristics
REJ03B0235-0110 Rev.1.10 Sep. 10, 2009
Page 52 of 53
i = 0, 2
Figure 5.18
Serial Interface Timing Diagram when VCC = 2.2 V
Notes:
1.
When selecting the digital filter by the INTi input filter select bit, use an INTi input HIGH width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
2.
When selecting the digital filter by the INTi input filter select bit, use an INTi input LOW width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
Figure 5.19
Input Timing for External Interrupt INTi and Key Input Interrupt KIi when VCC = 2.2 V
Table 5.33
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
800
−
ns
tW(CKH)
CLKi input “H” width
400
−
ns
tW(CKL)
CLKi input “L” width
400
−
ns
td(C-Q)
TXDi output delay time
−
200
ns
th(C-Q)
TXDi hold time
0
−
ns
tsu(D-C)
RXDi input setup time
150
−
ns
th(C-D)
RXDi input hold time
90
−
ns
Table 5.34
External Interrupt INTi (i = 0, 1, 3) Input, Key Input Interrupt KIi (i = 0 to 3)
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INTi input “H” width, KIi input “H” width
1000 (1)
−
ns
tW(INL)
INTi input “L” width, KIi input “L” width
1000 (2)
−
ns
tW(CKH)
tC(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
CLKi
TXDi
RXDi
i = 0, 2
VCC = 2.2 V
tW(INL)
tW(INH)
INTi input
(i = 0, 1, 3)
KIi input
(i = 0 to 3)
VCC = 2.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com