Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C3GA Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R8C3GA
Description  RENESAS MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3GA Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R8C3GA Datasheet HTML 21Page - Renesas Technology Corp R8C3GA Datasheet HTML 22Page - Renesas Technology Corp R8C3GA Datasheet HTML 23Page - Renesas Technology Corp R8C3GA Datasheet HTML 24Page - Renesas Technology Corp R8C3GA Datasheet HTML 25Page - Renesas Technology Corp R8C3GA Datasheet HTML 26Page - Renesas Technology Corp R8C3GA Datasheet HTML 27Page - Renesas Technology Corp R8C3GA Datasheet HTML 28Page - Renesas Technology Corp R8C3GA Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
R8C/3GA Group
4. Special Function Registers (SFRs)
REJ03B0235-0110 Rev.1.10 Sep. 10, 2009
Page 25 of 53
Table 4.12
SFR Information (12) (1)
X: Undefined
Note:
1.
The blank areas are reserved and cannot be accessed by users.
Table 4.13
ID Code Areas and Option Function Select Area
Notes:
1.
The option function select area is allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program.
Do not write additions to the option function select area. If the block including the option function select area is erased, the option function select
area is set to FFh.
When blank products are shipped, the option function select area is set to FFh. It is set to the written value after written by the user.
When factory-programming products are shipped, the value of the option function select area is the value programmed by the user.
2.
The ID code areas are allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program.
Do not write additions to the ID code areas. If the block including the ID code areas is erased, the ID code areas are set to FFh.
When blank products are shipped, the ID code areas are set to FFh. They are set to the written value after written by the user.
When factory-programming products are shipped, the value of the ID code areas is the value programmed by the user.
Address
Register
Symbol
After Reset
2CF0h
DTC Control Data 22
DTCD22
XXh
2CF1h
XXh
2CF2h
XXh
2CF3h
XXh
2CF4h
XXh
2CF5h
XXh
2CF6h
XXh
2CF7h
XXh
2CF8h
DTC Control Data 23
DTCD23
XXh
2CF9h
XXh
2CFAh
XXh
2CFBh
XXh
2CFCh
XXh
2CFDh
XXh
2CFEh
XXh
2CFFh
XXh
2D00h
:
2FFFh
Address
Area Name
Symbol
After Reset
:
FFDBh
Option Function Select Register 2
OFS2
(Note 1)
:
FFDFh
ID1
(Note 2)
:
FFE3h
ID2
(Note 2)
:
FFEBh
ID3
(Note 2)
:
FFEFh
ID4
(Note 2)
:
FFF3h
ID5
(Note 2)
:
FFF7h
ID6
(Note 2)
:
FFFBh
ID7
(Note 2)
:
FFFFh
Option Function Select Register
OFS
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com