Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT697F Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 71Page - ATMEL Corporation AT697F Datasheet HTML 72Page - ATMEL Corporation AT697F Datasheet HTML 73Page - ATMEL Corporation AT697F Datasheet HTML 74Page - ATMEL Corporation AT697F Datasheet HTML 75Page - ATMEL Corporation AT697F Datasheet HTML 76Page - ATMEL Corporation AT697F Datasheet HTML 77Page - ATMEL Corporation AT697F Datasheet HTML 78Page - ATMEL Corporation AT697F Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 155 page
background image
AT697F ADVANCE INFORMATION
75
7703C–AERO–6/09
Figure 49.
D1
D2
D3
D4
i1
i2
i3
i1
i2
i3
i1
i2
i3
SKEW[1:0]
SKEW[1:0]
SKEW[1:0]
CLK1 tree
CLK2 tree
CLK3 tree
BYPASS
CLK
PLL
cpu clock
D2 = D1
D4 = D3 = 2 * D1
CPU clock tree overview
Three configuration of skew are available :
•
SKEW[1:0] = ’00’ : natural skew corresponding to the intrinsec routage of the chip
•
SKEW[1:0] = ’01’ : medium skew ‘artificially’ injected
•
SKEW[1:0] = ’10’ : maximum skew ‘artificially’ injected
The remaining configuration (SKEW[1:0] = ’11’) is reserved and must not be used at application
level.
Table 28. SKEW assignements
SKEW[1:0]
DELAY
Comments
CLK1 -> CLK2
CLK1 -> CLK3
‘00’
natural
natural
natural skew
‘01’
D1
D3
medium skew
‘10’
D1 + D2
D3 + D4
maximum skew
‘11’
Reserved
Use of a high level of skew improves the efficiency of SET prevention but leads to an operating
loss performance. Maximum speed is decreased and timings on the interfaces are slower than
with natural skew. Refer to the ’Electrical Characteristics’ section for detailed timings at each
skew.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com